Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM5180JN Datasheet(PDF) 1 Page - Analog Devices

Part # ADM5180JN
Description  Octal, RS-232/RS-423 Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180JN Datasheet(HTML) 1 Page - Analog Devices

  ADM5180JN Datasheet HTML 1Page - Analog Devices ADM5180JN Datasheet HTML 2Page - Analog Devices ADM5180JN Datasheet HTML 3Page - Analog Devices ADM5180JN Datasheet HTML 4Page - Analog Devices ADM5180JN Datasheet HTML 5Page - Analog Devices ADM5180JN Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADM5180
FUNCTIONAL BLOCK DIAGRAM
REV. 0
FEATURES
Eight Differential Line Receivers in One Package
Meets EIA Standard EIA-232E, 423A, 422A and
CCITT V.10, V.11, V.28
Single +5 V Supply
Differential Inputs Withstand
±25 V
Internal Hysteresis
Low Power CMOS –3.5 mA Supply Current
TTL/CMOS Compatible Outputs
Available in 28-Pin DIP and PLCC Packages
Low Power Replacement for UC5180C/NE5180
APPLICATIONS
High Speed Communication
Computer I-O Ports
Peripherals
High Speed Modems
Printers
Logic Level Translation
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
Octal, RS-232/RS-423 Line Receiver
GENERAL DESCRIPTION
The ADM5180 is an octal differential line receiver suitable for a
wide range of digital communication systems with data rates up to
200 kB/s. Input signals conforming to EIA Standards 232-E, 422A
and CCITT V.10, V.11, V.28, X.26, and X.27 are accepted and
translated into TTL /CMOS output signal levels.
The ADM5180 is a superior upgrade for the UC5180C and the
NE5180. It is fabricated on an advanced BiCMOS process,
allowing high speed bipolar circuitry to be combined with low
power CMOS. This minimizes the power consumption to less than
25 mW.
A failsafe function ensures a known output state under a variety of
input fault conditions as defined in RS-422A and RS-423A. The
failsafe function is controlled by FS1 and FS2. Each controls four
receivers. With FS = Low and a fault condition the output is forced
low while if FS = High, the output is forced high.
The device is available in both 28-pin DIP and 28-lead PLCC
packages.
Truth Table
Differential Input
Failsafe Input
Receiver
(+) - (–)
FS1, FS2
Logic Output
>200 mV
X
H
<–200 mV
X
L
O/C
L
L
S/C
L
L
O/C
H
H
S/C
H
H
A
B
C
D
E
F
G
H
A–
A+
B–
B+
C–
C+
D–
D+
E–
E+
F–
F+
G–
G+
H–
H+
AO
BO
CO
DO
EO
FO
GO
HO
FS1
FS2
ADM5180


Similar Part No. - ADM5180JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180JN AD-ADM5180JN Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results

Similar Description - ADM5180JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
ADM5170 AD-ADM5170_V01 Datasheet
152Kb / 7P
   Octal, RS-232/RS-423 Line Driver
REV.A
ADM5170 AD-ADM5170_15 Datasheet
142Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com