Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP421BCEZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADMP421BCEZ-RL
Description  Omnidirectional Microphone with Bottom Port and Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP421BCEZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMP421BCEZ-RL Datasheet HTML 3Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 4Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 5Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 6Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 7Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 8Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 9Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 10Page - Analog Devices ADMP421BCEZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADMP421
Data Sheet
Rev. D | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
CLK
L/R SELECT
GND
DATA
VDD 4
5
Figure 4. Pin Configuration (Bottom View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Clock Input to Microphone.
2
L/R SELECT
Left Channel or Right Channel Select.
DATA1 (right): L/R SELECT tied to GND.
DATA2 (left): L/R SELECT pulled to VDD.
3
GND
Ground.
4
VDD
Power Supply. Placing a 0.1 µF (100 nF) ceramic type X7R capacitor between Pin 4 (VDD) and ground is strongly
recommended for best performance and to avoid potential parasitic artifacts. The capacitor should be placed as
close to Pin 4 as possible.
5
DATA
Digital Output Signal (DATA1, DATA2).


Similar Part No. - ADMP421BCEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP421ACEZ-RL AD-ADMP421ACEZ-RL Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP421ACEZ-RL7 AD-ADMP421ACEZ-RL7 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
More results

Similar Description - ADMP421BCEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
logo
TDK Electronics
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
   Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com