Selected language     English  ▼


ADM211ARSZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part No. ADM211ARSZ-REEL
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 8 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 8 of 16
Table 4. Pin Function Descriptions
Mnemonic
Function
VCC
Power Supply Input. 5 V ± 10%.
V+
Internally Generated Positive Supply (10 V nominal) on all parts, except ADM209 . The ADM209 requires an external 9 V to
13.2 V supply.
V–
Internally Generated Negative Supply (–10 V Nominal).
GND
Ground Pin. Must be connected to 0 V.
C+
(ADM209 only) External capacitor (+ terminal) is connected to this pin.
C–
(ADM209 only) External capacitor (– terminal) is connected to this pin.
C1+
(ADM206, ADM207, ADM208, ADM211, and ADM213) External Capacitor (+ terminal) is connected to this pin.
C1–
(ADM206, ADM207, ADM208, ADM211, and ADM213) External Capacitor (– terminal) is connected to this pin.
C2+
(ADM206, ADM207, ADM208, ADM211, and ADM213) External Capacitor (+ terminal) is connected to this pin.
C2–
(ADM206, ADM207, ADM208, ADM211, and ADM213) External Capacitor (– terminal) is connected to this pin.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 kΩ pull-up resistor to VCC is connected to
each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 levels (typically ± 10 V).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is connected to each
input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN/EN
Enable Input. Active low on ADM206, ADM209, and ADM211. Active high on ADM213. This input is used to enable/disable the
receiver outputs. With EN = low (EN = high ADM213), the receiver outputs are enabled. With EN = high (EN = low ADM213),
the outputs are placed in a high impedance state. This is useful for connecting to microprocessor systems.
SD/SD
Shutdown Input. Active high on ADM206 and ADM211. Active low on ADM213. With SD = high on the ADM206 and ADM211,
the charge pump is disabled, the receiver outputs are placed in a high impedance state, and the driver outputs are turned off.
With SD = low on the ADM213, the charge pump is disabled, the driver outputs are turned off, and all receivers, except R4
and R5, are placed in a high impedance state. In shutdown, the power consumption reduces to 5 µW.
NC
No Connect. No connections are required to this pin.
Table 5. ADM206 and ADM211 Truth Table
SD
EN
Status
Transmitters T1–T5
Receivers R1–R5
0
0
Normal Operation
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
1
0
Shutdown
Disabled
Disabled
Table 6. ADM213 Truth Table
SD
EN
Status
Transmitters T1–T4
Receivers R1–R3
Receivers R4, R5
0
0
Shutdown
Disabled
Disabled
Disabled
0
1
Shutdown
Disabled
Disabled
Enabled
1
0
Normal Operation
Enabled
Disabled
Disabled
1
1
Normal Operation
Enabled
Enabled
Enabled




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl