Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1754ACPZ-0.75R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1754ACPZ-0.75R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-0.75R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1754ACPZ-0.75R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 9Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 10Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.9 V, VOUT = 1.5 V, IOUT= 10 mA, CIN = 4.7 µF, COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
Figure 5. Output Voltage vs. Junction Temperature
1.520
1.515
1.505
1.495
1.510
1.500
1.490
1.485
1.480
10
100
1k
10k
LOAD CURRENT (mA)
Figure 6. Output Voltage vs. Load Current
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
Figure 7. Output Voltage vs. Input Voltage
1200
0
200
400
600
800
1000
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
Figure 8. Ground Current vs. Junction Temperature
1200
1000
800
600
400
200
0
10
100
1k
10k
LOAD CURRENT (mA)
Figure 9. Ground Current vs. Load Current
1200
1000
800
600
400
200
0
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 400mA
LOAD = 800mA
LOAD = 10mA
LOAD = 100mA
LOAD = 1.2A
Figure 10. Ground Current vs. Input Voltage


Similar Part No. - ADP1754ACPZ-0.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754ACPZ-0.75R7 AD-ADP1754ACPZ-0.75R7 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
More results

Similar Description - ADP1754ACPZ-0.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
   2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com