Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR225HRZN Datasheet(PDF) 5 Page - Analog Devices

Part # ADR225HRZN
Description  High Temperature, Low Drift, Micropower 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR225HRZN Datasheet(HTML) 5 Page - Analog Devices

  ADR225HRZN Datasheet HTML 1Page - Analog Devices ADR225HRZN Datasheet HTML 2Page - Analog Devices ADR225HRZN Datasheet HTML 3Page - Analog Devices ADR225HRZN Datasheet HTML 4Page - Analog Devices ADR225HRZN Datasheet HTML 5Page - Analog Devices ADR225HRZN Datasheet HTML 6Page - Analog Devices ADR225HRZN Datasheet HTML 7Page - Analog Devices ADR225HRZN Datasheet HTML 8Page - Analog Devices ADR225HRZN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADR225
Rev. A | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, VOUT = 2.5 V, TMIN ≤ TA ≤ TMAX for 8-lead SOIC package, unless otherwise noted.
2.490
2.495
2.500
2.505
2.510
–40 –25 –10
5
20
35
50
65
80
95 110 125 140 155 170
TEMPERATURE (°C)
Figure 3. Output Voltage (VOUT) vs. Temperature
0
2
4
6
8
10
12
14
16
18
–30
–24
–18
–12
–6
0
6
12
18
24
30
TCVOUT (ppm/°C)
Figure 4. TCVOUT Distribution, −40°C to +175°C
0
10
20
30
40
50
60
70
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT VOLTAGE ACCURACY (%)
Figure 5. Output Voltage Accuracy at 175°C
0
5
10
15
20
25
30
35
40
45
50
–40 –25 –10
5
20
35
50
65
80
95 110 125 140 155 170
TEMPERATURE (°C)
Figure 6. Supply Current (ISY) vs. Temperature
–30
–25
–20
–15
–10
–5
0
40 –25 –10
5
20
35
50
65
80
95 110 125 140 155 170
TEMPERATURE (°C)
Figure 7. Load Regulation vs. Temperature (ILOAD = 0 mA to 10 mA)
–10
0
10
20
30
40
50
60
40 –25 –10
5
20
35
50
65
80
95 110 125 140 155 170
TEMPERATURE (°C)
Figure 8. Line Regulation vs. Temperature


Similar Part No. - ADR225HRZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR225 AD-ADR225 Datasheet
109Kb / 3P
   210?C Precision Micropower Voltage Reference
Rev. PrA
More results

Similar Description - ADR225HRZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com