Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC836BS Datasheet(PDF) 11 Page - Analog Devices

Part # ADUC836BS
Description  MicroConverter, Dual 16-Bit
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836BS Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUC836BS Datasheet HTML 7Page - Analog Devices ADUC836BS Datasheet HTML 8Page - Analog Devices ADUC836BS Datasheet HTML 9Page - Analog Devices ADUC836BS Datasheet HTML 10Page - Analog Devices ADUC836BS Datasheet HTML 11Page - Analog Devices ADUC836BS Datasheet HTML 12Page - Analog Devices ADUC836BS Datasheet HTML 13Page - Analog Devices ADUC836BS Datasheet HTML 14Page - Analog Devices ADUC836BS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
ADuC836
–10–
ADuC836
–11–
PIN FUNCTION DESCRIPTIONS (continued)
Pin No. Pin No.
52-Lead 56-Lead
MQFP CSP
Mnemonic
Type* Description
P1.4/AIN1
I
Primary ADC, Positive Analog Input
P1.5/AIN2
I
Primary ADC, Negative Analog Input
P1.6/AIN3
I
Auxiliary ADC Input or Muxed Primary ADC, Positive Analog Input
P1.7/AIN4/DAC
I/O
Auxiliary ADC Input or Muxed Primary ADC, Negative Analog Input.The voltage
output from the DAC can also be configured to appear at this pin.
5
4, 5
AVDD
S
Analog Supply Voltage, 3 V or 5 V
6
6, 7, 8
AGND
S
Analog Ground. Ground reference pin for the analog circuitry.
7
9
REFIN(–)
I
Reference Input, Negative Terminal
8
10
REFIN(+)
I
Reference Input, Positive Terminal
13
15
SS
I
Slave Select Input for the SPI Interface. A weak pull-up is present on this pin.
14
16
MISO
I/O
Master Input/Slave Output for the SPI Interface. A weak pull-up is present on this input pin.
15
17
RESET
I
Reset Input. A high level on this pin for 16 core clock cycles while the oscillator is
running resets the device.There is an internal weak pull-down and a Schmitt trigger
input stage on this pin.
16–19,
18–21,
P3.0–P3.7
I/O
P3.0–P3.7 are bidirectional port pins with internal pull-up resistors. Port 3 pins that
22–25
24–27
have 1s written to them are pulled high by the internal pull-up resistors, and in that
state can be used as inputs. As inputs, Port 3 pins being pulled externally low will
source current because of the internal pull-up resistors.When driving a 0-to-1 output
transition, a strong pull-up is active for two core clock periods of the instruction
cycle. Port 3 pins also have various secondary functions including:
P3.0/RXD
I/O
Receiver Data for UART Serial Port
P3.1/TXD
I/O
Transmitter Data for UART Serial Port
P3.2/INT0
I/O
External Interrupt 0.This pin can also be used as a gate control input to Timer 0.
P3.3/INT1
I/O
External Interrupt 1.This pin can also be used as a gate control input to Timer 1.
P3.4/T0/PWMCLK I/O
Timer/Counter 0 External Input. If the PWM is enabled, an external clock may be
input at this pin.
P3.5/T1
I/O
Timer/Counter 1 External Input
P3.6/WR
I/O
External Data Memory Write Strobe. Latches the data byte from Port 0 into an
external data memory.
P3.7/RD
I/O
External Data Memory Read Strobe. Enables the data from an external data memory
to Port 0.
20, 34, 48 22, 36, 51, DVDD
S
Digital Supply, 3 V or 5 V
21, 35, 47 23, 37, 38, DGND
S
Digital Ground. Ground reference point for the digital circuitry.
50
26
SCLOCK
I/O
Serial Interface Clock for either the I2C or SPI Interface. As an input, this pin is a
Schmitt-triggered input, and a weak internal pull-up is present on this pin unless it is
outputting logic low.This pin can also be directly controlled in software as a digital
output pin.
27
MOSI/SDATA
I/O
Serial Data I/O for the I2C Interface or Master Output/Slave Input for the
SPI Interface. A weak internal pull-up is present on this pin unless it is outputting
logic low.This pin can also be directly controlled in software as a digital output pin.
28–31
30–33
P2.0–P2.7
I/O
Port 2 is a bidirectional port with internal pull-up resistors. Port 2 pins that have 1s
36–39
39–42
(A8–A15)
written to them are pulled high by the internal pull-up resistors, and in that state can
(A16–A23)
be used as inputs. As inputs, Port 2 pins being pulled externally low will source current
because of the internal pull-up resistors.
Port 2 emits the high order address bytes during fetches from external program memory
and middle and high order address bytes during accesses to the 24-bit external data
memory space.
32
34
XTAL1
I
Input to the Crystal Oscillator Inverter
33
35
XTAL2
O
Output from the Crystal Oscillator Inverter. (See the Hardware Design Considerations
section for description.)
REV. A
REV. A


Similar Part No. - ADUC836BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836BS AD-ADUC836BS Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BS AD-ADUC836BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Similar Description - ADUC836BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com