Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC836BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADUC836BCP
Description  MicroConverter, Dual 16-Bit
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUC836BCP Datasheet HTML 4Page - Analog Devices ADUC836BCP Datasheet HTML 5Page - Analog Devices ADUC836BCP Datasheet HTML 6Page - Analog Devices ADUC836BCP Datasheet HTML 7Page - Analog Devices ADUC836BCP Datasheet HTML 8Page - Analog Devices ADUC836BCP Datasheet HTML 9Page - Analog Devices ADUC836BCP Datasheet HTML 10Page - Analog Devices ADUC836BCP Datasheet HTML 11Page - Analog Devices ADUC836BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ADuC836
–8–
ADuC836
–9–
NOTES
1 Temperature range for ADuC836BS (MQFP package) is –40°C to +125°C.Temperature range for ADuC836BCP (CSP package) is –40°C to +85°C.
2 These numbers are not production tested but are guaranteed by design and/or characterization data on production release.
3 System Zero-Scale Calibration can remove this error.
4 The primary ADC is factory calibrated at 25°C with AVDD = DVDD = 5V yielding this full-scale error of 10 V. If user power supply or temperature conditions are significantly
different from these, an Internal Full-Scale Calibration will restore this error to 10 V. A system zero-scale and full-scale calibration will remove this error altogether.
5 Gain Error Drift is a span drift.To calculate Full-Scale Error Drift, add the Offset Error Drift to the Gain Error Drift times the full-scale input.
6 The auxiliary ADC is factory calibrated at 25°C with AVDD = DVDD = 5 V yielding this full-scale error of –2.5 LSB. A system zero-scale and full-scale calibration
will remove this error altogether.
7 DAC linearity and ac specifications are calculated using: reduced code range of 48 to 4095, 0 to VREF; reduced code range of 100 to 3950, 0 to VDD.
8 Gain Error is a measurement of the span error of the DAC.
9 In general terms, the bipolar input voltage range to the primary ADC is given by RangeADC = ±(VREF 2RN)/125, where:
VREF = REFIN(+) to REFIN(–) voltage and VREF = 1.25 V when internal ADC VREF is selected. RN = decimal equivalent of RN2, RN1, RN0, e.g.,
VREF = 2.5 V and RN2, RN1, RN0 = 1, 1, 0 the RangeADC = ±1.28 V. In Unipolar mode, the effective range is 0 V to 1.28 V in our example.
10 1.25 V is used as the reference voltage to the auxiliary ADC when internal VREF is selected via XREF0 and XREF1 bits in ADC0CON and ADC1CON, respectively.
11 In Bipolar mode, the auxiliary ADC can only be driven to a minimum of AGND – 30 mV as indicated by the auxiliary ADC absolute AIN voltage limits.The bipolar
range is still –VREF to +VREF; however, the negative voltage is limited to –30 mV.
12 The ADuC836BCP (CSP package) has been qualified and tested with the base of the CSP package floating.
13 Pins configured in SPI mode, pins configured as digital inputs during this test.
14 Pins configured in I2C mode only.
15 Flash/EE Memory Reliability Characteristics apply to both the Flash/EE program memory and Flash/EE data memory.
16 Endurance is qualified to 100 Kcycles as per JEDEC Std. 22 method A117 and measured at –40°C, +25°C, +85°C, and +125°C.Typical endurance at 25°C is 700 Kcycles.
17 Retention lifetime equivalent at junction temperature (TJ) = 55°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV will
derate with junction temperature as shown in Figure 16 in the Flash/EE Memory section.
18 Power Supply current consumption is measured in Normal, Idle, and Power-Down modes under the following conditions:
Normal mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, Core Executing internal software loop.
Idle mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, PCON.0 = 1, Core Execution suspended in idle mode.
Power-Down mode: Reset = 0.4 V, All P0 pins and P1.2–P1.7 pins = 0.4 V, all other digital I/O pins are open circuit, Core Clk changed via CD bits in PLLCON,
PCON.1 = 1, Core Execution suspended in Power-Down mode, OSC turned on or off via OSC_PD bit (PLLCON.7) in PLLCON SFR.
19 DVDD power supply current will increase typically by 3 mA (3 V operation) and 10 mA (5 V operation) during a Flash/EE memory program or erase cycle.
Specifications subject to change without notice.
REV. A
REV. A


Similar Part No. - ADUC836BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836BCP AD-ADUC836BCP Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BCP AD-ADUC836BCP Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Similar Description - ADUC836BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com