Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7123JSTZ330 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7123JSTZ330
Description  CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123JSTZ330 Datasheet(HTML) 1 Page - Analog Devices

  ADV7123JSTZ330 Datasheet HTML 1Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 2Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 3Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 4Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 5Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 6Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 7Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 8Page - Analog Devices ADV7123JSTZ330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CMOS, 330 MHz
Triple 10-Bit High Speed Video DAC
ADV7123
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
330 MSPS throughput rate
Triple 10-bit digital-to-analog converters (DACs)
SFDR
−70 dB at fCLK = 50 MHz; fOUT = 1 MHz
−53 dB at fCLK = 140 MHz; fOUT = 40 MHz
RS-343A-/RS-170-compatible output
Complementary outputs
DAC output current range: 2.0 mA to 26.5 mA
TTL-compatible inputs
Internal reference (1.235 V)
Single-supply 5 V/3.3 V operation
48-lead LQFP package
Low power dissipation (30 mW minimum @ 3 V)
Low power standby mode (6 mW typical @ 3 V)
Industrial temperature range (−40°C to +85°C)
Pb-free (lead-free) package
APPLICATIONS
Digital video systems (1600 × 1200 @ 100 Hz)
High resolution color graphics
Digital radio modulation
Image processing
Instrumentation
Video signal reconstruction
FUNCTIONAL BLOCK DIAGRAM
10
10
10
10
10
10
DATA
REGISTER
DAC
DAC
BLANK
SYNC
R9 TO R0
G9 TO G0
B9 TO B0
PSAVE
CLOCK
DAC
ADV7123
DATA
REGISTER
DATA
REGISTER
BLANK AND
SYNC LOGIC
POWER-DOWN
MODE
VOLTAGE
REFERENCE
CIRCUIT
IOR
IOR
IOG
IOG
IOB
VREF
RSET
VAA
COMP
GND
IOB
Figure 1.
GENERAL DESCRIPTION
The ADV7123 (ADV®) is a triple high speed, digital-to-analog
converter on a single monolithic chip. It consists of three high
speed, 10-bit, video DACs with complementary outputs, a
standard TTL input interface, and a high impedance, analog
output current source.
The ADV7123 has three separate 10-bit-wide input ports. A
single 5 V/3.3 V power supply and clock are all that are required
to make the part functional. The ADV7123 has additional video
control signals, composite SYNC and BLANK.
The ADV7123 also has a power save mode.
The ADV7123 is fabricated in a 5 V CMOS process. Its
monolithic CMOS construction ensures greater functionality
with lower power dissipation. The ADV7123 is available in a
48-lead LQFP package.
PRODUCT HIGHLIGHTS
1.
330 MSPS throughput.
2.
Guaranteed monotonic to 10 bits.
3.
Compatible with a wide variety of high resolution color
graphics systems, including RS-343A and RS-170.
ADV is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADV7123JSTZ330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123JST240 AD-ADV7123JST240 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JST330 AD-ADV7123JST330 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
More results

Similar Description - ADV7123JSTZ330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com