Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ38M5X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7SZ38M5X
Description  TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ38M5X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7SZ38M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ38M5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +6V
DC Input Voltage (VIN)
−0.5V to +6V
DC Output Voltage (VOUT)
−0.5V to +6V
DC Input Diode Current (IIK)
@VIN < −0.5V
−50 mA
@ VIN > 6V
+20 mA
DC Output Diode Current (IOK)
@VOUT < −0.5V
−50 mA
@ VOUT > 6V, VCC = GND
+20 mA
DC Output Current (IOUT)
+50 mA
DC VCC/GND Current (ICC/IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (T1);
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
SOT23-5
200 mW
SC70-5
150 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 1.8V, 2.5V ± 0.2V
0 ns/V to 20 ns/V
VCC = 3.3V ± 0.3V
0 ns/V to 10 ns/V
VCC = 5.0V ± 0.5V
0 ns/V to 5 ns/V
Thermal Resistance (
θ
JA)
SOT23-5
300
°C/W
SC70-5
425
°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level
1.65 to 1.95 0.75 VCC
0.75 VCC
V
Input Voltage
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
1.65 to 1.95
0.25 VCC
0.25 VCC
V
Input Voltage
2.3 to 5.5
0.3 VCC
0.3 VCC
ILKG
HIGH Level
5.5
±5
±10
µA
VIN = VIL
Output Leakage
VOUT = VCC or GND
VOL
LOW Level
1.65
0.0
0.1
0.1
VVIN = VIH
IOL = 100 µA
Output Voltage
1.8
0.0
0.1
0.1
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
1.65
0.08
0.24
0.24
V
2.3
0.10
0.3
0.3
IOL = 8 mA
3.0
0.15
0.4
0.4
IOL = 16 mA
3.0
0.22
0.55
0.55
IOL = 24 mA
4.5
0.22
0.55
0.55
IOL = 32 mA
IIN
Input Leakage Current
5.5
±1
±10
µAV
IN = 5.5V, GND
IOFF
Power Off Leakage Current
0.0
1
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
5.5
2.0
20
µAV
IN = 5.5V, GND


Similar Part No. - NC7SZ38M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ38M5X FAIRCHILD-NC7SZ38M5X Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38M5X ONSEMI-NC7SZ38M5X Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
NC7SZ38M5X ONSEMI-NC7SZ38M5X Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
More results

Similar Description - NC7SZ38M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38_04 Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38_05 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com