Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5202CRWZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5202CRWZ
Description  Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5202CRWZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM5202CRWZ Datasheet HTML 1Page - Analog Devices ADUM5202CRWZ Datasheet HTML 2Page - Analog Devices ADUM5202CRWZ Datasheet HTML 3Page - Analog Devices ADUM5202CRWZ Datasheet HTML 4Page - Analog Devices ADUM5202CRWZ Datasheet HTML 5Page - Analog Devices ADUM5202CRWZ Datasheet HTML 6Page - Analog Devices ADUM5202CRWZ Datasheet HTML 7Page - Analog Devices ADUM5202CRWZ Datasheet HTML 8Page - Analog Devices ADUM5202CRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADuM5200/ADuM5201/ADuM5202
Data Sheet
Rev. B | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 5
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 7
Package Characteristics ............................................................... 9
Regulatory Information............................................................... 9
Insulation and Safety-Related Specifications............................ 9
IEC 60747-5-2 (VDE 0884, Part 2):2003-01 Insulation
Characteristics ............................................................................ 10
Recommended Operating Conditions .................................... 10
Absolute Maximum Ratings.......................................................... 11
ESD Caution................................................................................ 11
Pin Configurations and Function Descriptions ......................... 12
Truth Table .................................................................................. 14
Typical Performance Characteristics ........................................... 15
Terminology.................................................................................... 18
Applications Information .............................................................. 19
PCB Layout ................................................................................. 19
Start-Up Behavior....................................................................... 19
EMI Considerations................................................................... 20
Propagation Delay Parameters ................................................. 20
DC Correctness and Magnetic Field Immunity.......................... 20
Power Consumption .................................................................. 21
Current Limit and Thermal Overload Protection ................. 22
Power Considerations................................................................ 22
Thermal Analysis ....................................................................... 23
Increasing Available Power ....................................................... 23
Insulation Lifetime..................................................................... 24
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
5/12—Rev. A to Rev. B
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
Updated Outline Dimensions....................................................... 25
9/11—Rev. 0 to Rev. A
Changes to Product Title, Features Section, and General
Description Section.......................................................................... 1
Added Table 1; Renumbered Sequentially .................................... 1
Changes to Specifications Section.................................................. 3
Changes to Table 19 and Table 20 ................................................ 11
Changes to Pin 5 Description, Table 21....................................... 12
Changes to Pin 5 Description, Table 22....................................... 13
Changes to Pin 5 Description, Table 23 and Table 24 ............... 14
Changes to Figure 9 to Figure 11.................................................. 15
Added Figure 17 and Figure 18; Renumbered Sequentially ..... 16
Changes to Figure 19 and Figure 20 ............................................ 16
Changes to Terminology Section ................................................. 18
Changes to Applications Information Section ........................... 19
Added Start-Up Behavior Section................................................ 19
Changes to EMI Considerations Section .................................... 20
10/08—Revision 0: Initial Version


Similar Part No. - ADUM5202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5202CRWZ AD-ADUM5202CRWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5202CRWZ AD-ADUM5202CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5202CRWZ1 AD-ADUM5202CRWZ1 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5202CRWZ2 AD-ADUM5202CRWZ2 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
More results

Similar Description - ADUM5202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com