Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCHDMSS62S Datasheet(PDF) 2 Page - Dubilier

Part # DBCHDMSS62S
Description  D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCHDMSS62S Datasheet(HTML) 2 Page - Dubilier

  DBCHDMSS62S Datasheet HTML 1Page - Dubilier DBCHDMSS62S Datasheet HTML 2Page - Dubilier DBCHDMSS62S Datasheet HTML 3Page - Dubilier DBCHDMSS62S Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
259
POSITION
A
B
C
D
15 M/F
25.0
2.29
1.145
7.04
26 M/F
33.3
2.29
1.145
6.88
44 M/F
47.1
2.29
1.145
6.88
62 M/F
63.5
2.41
1.205 7.00
POSITION
A
B
C
D
E
F
15 F
16.30
25.00 30.8
2.29
1.14
19.2
26 F
24.60
33.30 39.2
2.29
1.14
27.7
44 F
38.30
47.10
53.1
2.29
1.14
41.1
62 F
54.80
63.50 69.4
2.41
1.20
57.3
78F
67.0
61.0
67.0
2.41
-
55.1
15, 26, 44, 62 or 78 way
Stamped & Formed Contacts
Selective Gold Plated Contacts
Tin Plated Metal Housing
Low cost
D TYPE CONNECTORS LOW COST
HIGH DENSITY SOLDER PIN STRAIGHT
SPECIFICATION
ORDERING INFORMATION
Mechanical:
Insulator:
PBT +30% Glass Fibre
UL94V-0
Pin contacts:
Phosphor Bronze
Gold Plated
Shell:
Steel, SPCC
Nickel and Tin Plated
Electrical Data:
Rated Voltage:
350V AC
Rated Current:
5A
With stand Voltage:
500V AC(rms)
Insulation Resistance:
Over 1000 MΩ
Contact Resistance:
5 MΩ at 1A
Temperature:
-20˚C to 100˚C
DBC
Dubilier
Connectors
HD
Series
HD= High
Density
Stamped &
Formed
F
Connector Type
M = Male
F = Female
SS
Contact Style
SS = Solder Straight
Nº of Ways
15 = 15ways
26 = 26ways
44 = 44ways
62 = 62ways
78 =78ways
26
Contact
Plating
S= Selective
Plating
S
POSITION
A
B
C
D
E
F
15 M
16.92
25.00 30.8
2.29
1.14
19.2
26 M
25.25
33.30 39.2
2.29
1.14
27.7
44 M
38.96
47.10
53.1
2.29
1.14
41.1
62 M
55.42
63.50 69.4
2.41
1.20
57.3
78M
52.81
61.0
67.0
2.41
-
55.1
c
b
a
c
b
a
d
f
f
d
P.C.BOARD LAYOUT
OUTLINE DRAWING
www.dubilier.co.uk


Similar Part No. - DBCHDMSS62S

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCHDMSS62S DUBILIER-DBCHDMSS62S Datasheet
205Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
More results

Similar Description - DBCHDMSS62S

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCHDFSS26S DUBILIER-DBCHDFSS26S Datasheet
205Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
   D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
DBCHDFCD26 DUBILIER-DBCHDFCD26 Datasheet
138Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY CRIMP PIN
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
   FILTERED D CONNECTORS SOLDER BUCKET
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
   FILTERED D CONNECTORS SOLDER BUCKET
DBCHDFSR26G DUBILIER-DBCHDFSR26G Datasheet
208Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY PCB RIGHT ANGLE
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
   D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCCDM09 DUBILIER-DBCCDM09 Datasheet
126Kb / 1P
   D TYPE CONNECTORS LOW COST
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com