Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4666-2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4666-2
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4666-2 Datasheet HTML 4Page - Analog Devices ADA4666-2 Datasheet HTML 5Page - Analog Devices ADA4666-2 Datasheet HTML 6Page - Analog Devices ADA4666-2 Datasheet HTML 7Page - Analog Devices ADA4666-2 Datasheet HTML 8Page - Analog Devices ADA4666-2 Datasheet HTML 9Page - Analog Devices ADA4666-2 Datasheet HTML 10Page - Analog Devices ADA4666-2 Datasheet HTML 11Page - Analog Devices ADA4666-2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 8 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EMI Rejection Ratio of +IN x
EMIRR
VIN = 100 mV peak (200 mV p-p)
f = 400 MHz
34
dB
f = 900 MHz
42
dB
f = 1800 MHz
50
dB
f = 2400 MHz
60
dB
NOISE PERFORMANCE
Total Harmonic Distortion Plus Noise
THD + N
AV = 1, VIN = 0.44 V rms at 1 kHz
Bandwidth = 80 kHz
0.002
%
Bandwidth = 500 kHz
0.003
%
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
3
µV p-p
Voltage Noise Density
en
f = 1 kHz
18
nV/√Hz
f = 10 kHz
14
nV/√Hz
Current Noise Density
in
f = 1 kHz
360
fA/√Hz


Similar Part No. - ADA4666-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
ADA4661-2-KGD-WP AD-ADA4661-2-KGD-WP Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
ADA4661-2ACPZ-R7 AD-ADA4661-2ACPZ-R7 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4661-2ACPZ-RL AD-ADA4661-2ACPZ-RL Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
More results

Similar Description - ADA4666-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
   22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
logo
Texas Instruments
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com