Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCV0805M25G13 Datasheet(PDF) 2 Page - Dubilier

Part # DCV0805M25G13
Description  SURFACE MOUNT SMD CHIP VARISTORS DCV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DCV0805M25G13 Datasheet(HTML) 2 Page - Dubilier

  DCV0805M25G13 Datasheet HTML 1Page - Dubilier DCV0805M25G13 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144
SURFACE MOUNT
SMD CHIP VARISTORS DCV
TAPE DIMENSIONS (mm)
BLISTER TAPE (plastic embossed)
REEL DIMENSIONS (mm)
Dimensions
Case Size
8mm 0603
A0 x B0
0.95 x 1.80±0.2
T2
1.10 max
T
0.90 max
D0
1.50±0.1
P0
4.00±0.12
P2
2.00±0.05
P1
4.00±0.1
W
8.00±0.3
E
1.75±0.1
F
3.50±0.05
G
0.75 min
Dimensions
Case Size
0603. 0805, 1206, 1210
A
180(7”) or 330(13”)
W1
8.4
W2
14.4 max
Dimensions
Case Size 8mm
0805,1206,1210
A0 x B0
(0805) - 1.60 x 2.40±0.2
(1206) - 1.90 x 3.50±0.2
(1210) - 2.80 x 3.50±0.2
K0
1.80 max
T2
2.50 max
T
0.30 max
D0
1.50±0.1
D1
1.00 min
P0
4.00±0.12
P2
2.00±0.05
P1
4.00±0.1
W
8.00±0.3
E
1.75±0.1
F
3.50±0.05
G
0.75 min
Cover Tape
T
T1
T1
D0
A0
P
Direction of unreeling
0
P1
P2
T2
K0
T
Cover Tape
Section A-A
T
2
D
A
A
0
P2
P0
P1
D1
A
Direction of unreeling
0
W
12.75
ø62
Tape
Reel
+0.15
±1.5
-0
2
W1
www.dubilier.co.uk


Similar Part No. - DCV0805M25G13

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCV0805M25G13 DUBILIER-DCV0805M25G13 Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
More results

Similar Description - DCV0805M25G13

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
YAGEO Corporation
VRS0402KR55R121N YAGEO-VRS0402KR55R121N Datasheet
625Kb / 10P
   SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com