Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ74L8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ74L8X
Description  TinyLogic UHS D-Type Flip-Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ74L8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ74L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ74L8X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Capacitance (Note 3)
Note 3: TA = +25C, f = 1MHz.
Note 4: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD) (VCC) (fIN) + (ICCstatic).
Symbol
Parameter
VCC
(V)
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
1.8
± 0.15
75
75
MHz
Figures
1, 5
Frequency
2.5
± 0.2
150
150
CL = 15 pF
3.3
± 0.3
200
200
RD = 1 MΩ
5.0
± 0.5
250
250
S1 = Open
3.3
± 0.3
175
175
CL = 50 pF
5.0
± 0.5
200
200
RD = 500Ω, S1 = Open
tPLH
Propagation Delay
1.8
± 0.15
2.5
6.5
12.5
2.5
13.0
Figures
1, 3
tPHL
CK to Q, Q
2.5
± 0.2
1.5
3.8
7.5
1.5
8.0
CL = 15 pF
3.3
± 0.3
1.0
2.8
6.5
1.0
7.0
ns
RD = 1 MΩ
5.0
± 0.5
0.8
2.2
4.5
0.8
5.0
S1 = Open
3.3
± 0.3
1.0
3.4
7.0
1.0
7.5
CL = 50 pF
5.0
± 0.5
1.0
2.6
5.0
1.0
5.5
RD = 500 Ω, S1 = Open
tPLH
Propagation Delay
1.8
± 0.15
2.5
6.5
14.0
2.5
14.5
ns
Figures
1, 3
tPHL
CLR, PR, to Q, Q
2.5
± 0.2
1.5
3.8
9.0
1.5
9.5
CL = 15 pF
3.3
± 0.3
1.0
2.8
6.5
1.0
7.0
RD = 1 MΩ
5.0
± 0.5
0.8
2.2
5.0
0.8
5.5
S1 = Open
3.3
± 0.3
1.0
3.4
7.0
1.0
7.5
CL = 50 pF
5.0
± 0.5
1.0
2.6
5.0
1.0
5.5
RD = 500 Ω, S1 = Open
tS
Setup Time,
1.8
± 0.15
6.5
6.5
ns
Figures
1, 4
CK to D
2.5
± 0.2
3.5
3.5
CL = 15 pF
3.3
± 0.3
2.0
2.0
RD = 1 MΩ
5.0
± 0.5
1.5
1.5
S1 = Open
3.3
± 0.3
2.0
2.0
CL = 50 pF
5.0
± 0.5
1.5
1.5
RD = 500 Ω, S1 = Open
tH
Hold Time,
1.8
± 0.15
0.5
0.5
ns
Figures
1, 4
CK to D
2.5
± 0.2
0.5
0.5
CL = 15 pF
3.3
± 0.3
0.5
0.5
RD = 1 MΩ
5.0
± 0.5
0.5
0.5
S1 = Open
3.3
± 0.3
0.5
0.5
CL = 50 pF
5.0
± 0.5
0.5
0.5
RD = 500 Ω, S1 = Open
tW
Pulse Width,
1.8
± 0.15
6.0
6.0
ns
Figures
1, 5
CK, PR, CLR
2.5
± 0.2
4.0
4.0
CL = 15 pF
3.3
± 0.3
3.0
3.0
RD = 1 MΩ
5.0
± 0.5
2.0
2.0
S1 = Open
3.3
± 0.3
3.0
3.0
CL
= 50 pF
5.0
± 0.5
2.0
2.0
RD = 500 Ω, S1 = Open
tREC
Recover Time
1.8
± 0.15
8.0
8.0
ns
Figures
1, 4
CLR, PR to CK
2.5
± 0.2
4.5
4.5
CL = 15 pF
3.3
± 0.3
3.0
3.0
RD = 1 MΩ
5.0
± 0.5
3.0
3.0
S1 = Open
3.3
± 0.3
3.0
3.0
CL = 50 pF
5.0
± 0.5
3.0
3.0
RD = 500 Ω, S1 = Open
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Input Capacitance
3
pF
VCC = 0V
COUT
Output Capacitance
4
pF
VCC = 0V
CPD
Power Dissipation Capacitance (Note 4)
10
pF
VCC = 3.3V
12
VCC = 5.0V


Similar Part No. - NC7SZ74L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ74L8X ONSEMI-NC7SZ74L8X Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74L8X FAIRCHILD-NC7SZ74L8X_11 Datasheet
769Kb / 9P
   TinyLogic짰 UHS D-Type, Flip-Flop with Preset and Clear
More results

Similar Description - NC7SZ74L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74 FAIRCHILD-NC7SZ74_11 Datasheet
769Kb / 9P
   TinyLogic짰 UHS D-Type, Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SP74 ONSEMI-NC7SP74 Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74 FAIRCHILD-NC7SP74 Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SP74 FAIRCHILD-NC7SP74_05 Datasheet
235Kb / 12P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
NC7SV74 FAIRCHILD-NC7SV74_05 Datasheet
250Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SZ374 ONSEMI-NC7SZ374 Datasheet
258Kb / 11P
   TinyLogic UHS D-Type Flip-Flop
Revised October 2004
NC7SZ175 ONSEMI-NC7SZ175 Datasheet
1Mb / 10P
   TinyLogic UHS D-Type Flip-Flop
October-2017, Rev. 2
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com