Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCG04022K20JNED Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCG04022K20JNED
Description  Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCG04022K20JNED Datasheet(HTML) 2 Page - Vishay Siliconix

  RCG04022K20JNED Datasheet HTML 1Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 2Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 3Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 4Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 5Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 6Page - Vishay Siliconix RCG04022K20JNED Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RCG e3
www.vishay.com
Vishay Draloric
Revision: 13-Feb-13
2
Document Number: 20047
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: RCG080510K0FKEA
MODEL
VALUE
TOLERANCE
TCR
PACKAGING
RCG0402
RCG0603
RCG0805
RCG1206
R = Decimal
K = Thousand
M = Million
0000 = 0
 Jumper
F = ± 1.0 %
J = ± 5.0 %
Z = Jumper
K = ± 100 ppm/K
L = ± 150 ppm/K
N = ± 200 ppm/K
0 = Jumper
EA, EB,
EC, ED,
EE, EI,
EL
PRODUCT DESCRIPTION: RCG0805 100 10K 1 % EA
RCG0805
100
10K
1 %
EA
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
RCG0402
RCG0603
RCG0805
RCG1206
± 100 ppm/K
± 150 ppm/K
± 200 ppm/K
10R = 10
10K = 10 k
1M = 1 M
0R0 = Jumper
± 1 %
± 5 %
EA, EB,
EC, ED,
EE, EI,
EL
PACKAGING
MODEL
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
RCG0402
ED
10 000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
2 mm
180 mm/7"
EE
50 000
330 mm/13"
RCG0603
EI
5000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
2 mm
180 mm/7"
ED
10 000
180 mm/7"
EL
20 000
285 mm/11.25"
EE
50 000
330 mm/13"
EA
5000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
4 mm
180 mm/7"
EB
10 000
285 mm/11.25"
EC
20 000
330 mm/13"
RCG0805
EA
5000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
4 mm
180 mm/7"
EB
10 000
285 mm/11.25"
EC
20 000
330 mm/13"
RCG1206
EA
5000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
4 mm
180 mm/7"
EB
10 000
285 mm/11.25"
EC
20 000
330 mm/13"
R
C
G
0
8
0
5
1
0
K
0
F
K
E
A


Similar Part No. - RCG04022K20JNED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCG0402 VISHAY-RCG0402 Datasheet
123Kb / 6P
   Green Thick Film Chip Resistors
Revision: 01-Sep-14
More results

Similar Description - RCG04022K20JNED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
List of Unclassifed Man...
MC1206S4F1001T5E ETC-MC1206S4F1001T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
MC1206S4F4991T5E ETC-MC1206S4F4991T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com