Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7799L2TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7799L2TRPBF
Description  DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7799L2TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7799L2TRPBF Datasheet HTML 3Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 4Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 5Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 6Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 7Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 8Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 9Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 10Page - International Rectifier IRF7799L2TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRF7799L2TR/TR1PbF
www.irf.com
7
Fig 18a. Gate Charge Test Circuit
Fig 18b. Gate Charge Waveform
Fig 19b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 19a. Unclamped Inductive Test Circuit
Fig 20b. Switching Time Waveforms
Fig 20a. Switching Time Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


Similar Part No. - IRF7799L2TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7799L2TRPBF IRF-IRF7799L2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com