Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZD384P5X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7SZD384P5X
Description  TinyLogic UHS 1-Bit Low Power Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZD384P5X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7SZD384P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZD384P5X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 4: All typical values are at VCC = 5.0V, TA= 25°C.
Note 5: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 6: Per TTL driven input (VIN = 3.4V, control input only). A and B pins do not contribute to ICC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (IIK) VIN < 0V
−50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/GND)
±100 mA
Storage Temperature Range
(TSTG)
−65°C to +150°C
Junction Temperature under bias (TJ)
+150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
+260°C
Power Dissipation (PD) @ +85°C
SOT23-5
200 mW
SC70-5
150 mW
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns
Switch I/O
0 ns/V to DC
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)
SOT23-5
300
°C/Watt
SC70-5
425
°C/Watt
Symbol
Parameter
VCC
TA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
(Note 4)
Max
VIK
Maximum Clamp Diode Voltage
4.5
−1.2
−VI
IN = −18 mA
VIH
HIGH Level Input Voltage
4.5–5.5
2.0
V
VIL
LOW Level Input Voltage
4.5–5.5
0.8
V
VOH
HIGH Level Output Voltage
4.5–5.5
See Figure 3
V
VIN = VCC
II
Input Leakage Current
0–5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
IOFF
“OFF” Leakage Current
5.5
±10.0
µA0 ≤ A, B, ≤ V
CC
RON
Switch On Resistance (Note 5)
4.5
5
7
VIN = 0V, II = 64 mA
57
VIN = 0V, II = 30 mA
35
50
VIN = 2.4V, II = 15 mA
ICC
Quiescent Supply Current
VIN = VCC or GND, IO = 0
Switch On
5.5
0.8
1.5
mA
OE
= GND
Switch Off
5.5
10
µAOE = V
CC
∆I
CC
Increase in ICC per Input (Note 6)
5.5
0.8
2.5
mA
OE
= 3.4V, I
O = 0,
Control Input only.


Similar Part No. - NC7SZD384P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZD384P5X FAIRCHILD-NC7SZD384P5X Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
More results

Similar Description - NC7SZD384P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
106Kb / 8P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WB3306 FAIRCHILD-NC7WB3306 Datasheet
182Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ384 ONSEMI-NC7SZ384 Datasheet
315Kb / 11P
   1-Bit Low Power Bus Switch
Revised December 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com