Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4688T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ4688T1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ4688T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ4688T1G Datasheet HTML 1Page - ON Semiconductor MMSZ4688T1G Datasheet HTML 2Page - ON Semiconductor MMSZ4688T1G Datasheet HTML 3Page - ON Semiconductor MMSZ4688T1G Datasheet HTML 4Page - ON Semiconductor MMSZ4688T1G Datasheet HTML 5Page - ON Semiconductor MMSZ4688T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ4xxxT1G Series, SZMMSZ4xxxT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Note 3)
Leakage Current
VZ (Volts)
@ IZT
IR @ VR
Min
Nom
Max
mA
mA
Volts
MMSZ4678T1G
CC
1.71
1.8
1.89
50
7.5
1
MMSZ4679T1G
CD
1.90
2.0
2.10
50
5
1
MMSZ4680T1G
CE
2.09
2.2
2.31
50
4
1
MMSZ4681T1G
CF
2.28
2.4
2.52
50
2
1
MMSZ4682T1G
CH
2.565
2.7
2.835
50
1
1
MMSZ4683T1G
CJ
2.85
3.0
3.15
50
0.8
1
MMSZ4684T1G
CK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685T1G
CM
3.42
3.6
3.78
50
7.5
2
MMSZ4686T1G
CN
3.70
3.9
4.10
50
5
2
MMSZ4687T1G
CP
4.09
4.3
4.52
50
4
2
MMSZ4688T1G
CT
4.47
4.7
4.94
50
10
3
MMSZ4689T1G
CU
4.85
5.1
5.36
50
10
3
MMSZ4690T1G/T3G
CV
5.32
5.6
5.88
50
10
4
MMSZ4691T1G
CA
5.89
6.2
6.51
50
10
5
MMSZ4692T1G
CX
6.46
6.8
7.14
50
10
5.1
MMSZ4693T1G
CY
7.13
7.5
7.88
50
10
5.7
MMSZ4694T1G
CZ
7.79
8.2
8.61
50
1
6.2
MMSZ4695T1G
DC
8.27
8.7
9.14
50
1
6.6
MMSZ4696T1G
DD
8.65
9.1
9.56
50
1
6.9
MMSZ4697T1G
DE
9.50
10
10.50
50
1
7.6
MMSZ4698T1G
DF
10.45
11
11.55
50
0.05
8.4
MMSZ4699T1G
DH
11.40
12
12.60
50
0.05
9.1
MMSZ4700T1G
DJ
12.35
13
13.65
50
0.05
9.8
MMSZ4701T1G
DK
13.30
14
14.70
50
0.05
10.6
MMSZ4702T1G
DM
14.25
15
15.75
50
0.05
11.4
MMSZ4703T1G
DN
15.20
16
16.80
50
0.05
12.1
MMSZ4704T1G
DP
16.15
17
17.85
50
0.05
12.9
MMSZ4705T1G
DT
17.10
18
18.90
50
0.05
13.6
MMSZ4706T1G
DU
18.05
19
19.95
50
0.05
14.4
MMSZ4707T1G
DV
19.00
20
21.00
50
0.01
15.2
MMSZ4708T1G
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709T1G
DX
22.80
24
25.20
50
0.01
18.2
MMSZ4710T1G
DY
23.75
25
26.25
50
0.01
19.0
MMSZ4711T1G
EA
25.65
27
28.35
50
0.01
20.4
MMSZ4712T1G
EC
26.60
28
29.40
50
0.01
21.2
MMSZ4713T1G
ED
28.50
30
31.50
50
0.01
22.8
MMSZ4714T1G
EE
31.35
33
34.65
50
0.01
25.0
MMSZ4715T1G
EF
34.20
36
37.80
50
0.01
27.3
MMSZ4716T1G
EH
37.05
39
40.95
50
0.01
29.6
MMSZ4717T1G
EJ
40.85
43
45.15
50
0.01
32.6
3. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30C 1C.
*Include SZ-prefix devices where applicable.
†MMSZ4703 and MMSZ4711 Not Available in 10,000/Tape & Reel


Similar Part No. - MMSZ4688T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4688T1G ONSEMI-MMSZ4688T1G Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ4688T1G ONSEMI-MMSZ4688T1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
More results

Similar Description - MMSZ4688T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com