Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCG120649K9FKEA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RCG120649K9FKEA
Description  Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCG120649K9FKEA Datasheet(HTML) 5 Page - Vishay Siliconix

  RCG120649K9FKEA Datasheet HTML 1Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 2Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 3Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 4Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 5Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 6Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RCG e3
www.vishay.com
Vishay Draloric
Revision: 13-Feb-13
5
Document Number: 20047
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
All tests are carried out in accordance with the following specifications:
• EN 60115-1, generic specification
• EN 140400, sectional specification
• EN 140401-802, detail specification
• IEC 60068-2, environmental test procedures
Packaging of components is done in paper tapes according to IEC 60286-3.
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
4.30
45 (XA)
Solvent resistance
of marking
Isopropyl alcohol;
50 °C; method 1,
toothbrush
Marking legible,
no visible damage
4.22
6 (Fc)
Vibration, endurance
by sweeping
f = 10 Hz to 2000 Hz;
x, y, z
 1.5 mm;
A
 200 m/s2;
10 sweeps per axis
± (0.25 % R + 0.05
)± (0.5 % R + 0.05 )
4.37
-
Periodic electric
overload
U =
 2 x U
max.;
0.1 s on; 2.5 s off;
1000 cycles
± (1 % R + 0.05
)
4.27
-
Single pulse high
voltage overload,
10 μs/700 μs
Û = 10 x
 2 x U
max.;
10 pulses
± (1 % R + 0.05
)
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
STABILITY CLASS 2 OR BETTER
RCG e3
1
 to 10 M
1
 to 10 M
15 x P
70 x R
P
70 x R


Similar Part No. - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCG1206 VISHAY-RCG1206 Datasheet
123Kb / 6P
   Green Thick Film Chip Resistors
Revision: 01-Sep-14
More results

Similar Description - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
List of Unclassifed Man...
MC1206S4F1001T5E ETC-MC1206S4F1001T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
MC1206S4F4991T5E ETC-MC1206S4F4991T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com