Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCG120649K9FKEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCG120649K9FKEA
Description  Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCG120649K9FKEA Datasheet(HTML) 1 Page - Vishay Siliconix

  RCG120649K9FKEA Datasheet HTML 1Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 2Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 3Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 4Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 5Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 6Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RCG e3
www.vishay.com
Vishay Draloric
Revision: 13-Feb-13
1
Document Number: 20047
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully RoHS Compliant, Green, Thick Film,
Rectangular Chip Resistors
FEATURES
• Green resistor - does not use RoHS exemptions
• Stability
R/R = 1 % for 1000 h at 70 ° C
• 2 mm pitch packaging option for 0603 size
• Metal glaze on high quality ceramic
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• Marking: See datasheet “Surface Mount Resistor Marking” (document number 20020).
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax.
ACRMS/DC
V
TEMPERATURE
COEFFICIENT
± ppm/K
TOLERANCE
± %
RESISTANCE
RANGE
SERIES
RCG0402
0402
RR 1005M
0.063
50
100
1
1R0 to 9R76
150R to 10M
E24; E96
150
10R to 147R
200
5
1R0 to 10M
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 1.5 A
RCG0603
0603
RR 1608M
0.1
75
100
1
1R0 to 10M
E24; E96
200
5
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 2.0 A
RCG0805
0805
RR 2012M
0.125
150
100
1
1R0 to 10M
E24; E96
200
5
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 2.5 A
RCG1206
1206
RR 3216M
0.25
200
100
1
1R0 to 10M
E24; E96
200
5
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 3.5 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RCG0402
RCG0603
RCG0805
RCG1206
Rated dissipation P70 (1)
W
0.063
0.1
0.125
0.25
Operating voltage Umax. ACRMS/DC
V
50
75
150
200
Insulation voltage Uins (1 min)
V
75
100
200
300
Insulation resistance
> 109
Operating temperature range
°C
- 55 to + 155
Weight
mg
0.65
2
5.5
10


Similar Part No. - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCG1206 VISHAY-RCG1206 Datasheet
123Kb / 6P
   Green Thick Film Chip Resistors
Revision: 01-Sep-14
More results

Similar Description - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
List of Unclassifed Man...
MC1206S4F1001T5E ETC-MC1206S4F1001T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
MC1206S4F4991T5E ETC-MC1206S4F4991T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com