Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCG120649K9FKEA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCG120649K9FKEA
Description  Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCG120649K9FKEA Datasheet(HTML) 4 Page - Vishay Siliconix

  RCG120649K9FKEA Datasheet HTML 1Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 2Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 3Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 4Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 5Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 6Page - Vishay Siliconix RCG120649K9FKEA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RCG e3
www.vishay.com
Vishay Draloric
Revision: 13-Feb-13
4
Document Number: 20047
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
STABILITY CLASS 2 OR BETTER
RCG e3
1
 to 10 M
1
 to 10 M
4.5
-
Resistance
-
± 1 %
± 5 %
4.7
-
Voltage proof
U = 1.4 x Uins; 60 s
No flashover or breakdown
4.13
-
Short time overload
U = 2.5 x
 2 x U
max.;
Duration acc. to style
± (0.25 % R + 0.05
)± (0.5 % R + 0.05 )
4.17.2
58 (Td)
Solderability
Solder bath method;
Sn96.5Ag3Cu0.5
non-activated flux;
(245 ± 5) °C
(3 ± 0.3) s
Good tinning (
 95 % covered)
no visible damage
4.8.4.2
-
Temperature
coefficient
(20/- 55/20) °C and
(20/125/20) °C
± 100 ppm/K, ± 150 ppm/K
± 200 ppm/K
4.32
21 (Uu3)
Shear
(adhesion)
RR 1608 and smaller: 9 N
RR 2012 and larger: 45 N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm;
3 times
No visible damage, no open circuit in bent position
± (0.25 % R + 0.05
)
4.23
-
Climatic sequence:
-
± (1 % R + 0.05
)± (2 % R + 0.1 )
4.23.2
2 (Ba)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C;
 90 % RH;
24 h; 1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air pressure
1kPa; (25± 10) °C; 1h
4.23.6
30 (Db)
Damp heat, cyclic
55 °C;
 90 % RH;
24 h; 5 cycles
4.23.7
-
DC load
U =
4.25.1
-
Endurance at 70 °C
U =
 U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method
(260 ± 5) °C;
(10 ± 1) s
± (0.25 % R + 0.05
)± (0.5 % R + 0.05 )
4.35
-
Flamability,
needle flame test
IEC 60695-11-5;
10 s
No burning after 30 s
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
(93 ± 3) % RH;
56 days
± (1 % R + 0.05
)
4.25.3
-
Endurance at
upper category
temperature
155 °C, 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
4.40
-
Electrostatic
discharge
(human body model)
IEC 61340-3-1;
3 pos. + 3 neg. discharges;
ESD test voltage acc. to size
± (1 % R + 0.05
)
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCG1206 VISHAY-RCG1206 Datasheet
123Kb / 6P
   Green Thick Film Chip Resistors
Revision: 01-Sep-14
More results

Similar Description - RCG120649K9FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
List of Unclassifed Man...
MC1206S4F1001T5E ETC-MC1206S4F1001T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
MC1206S4F4991T5E ETC-MC1206S4F4991T5E Datasheet
1Mb / 5P
   ROHS COMPLIONT THICK FILM CHIP RESISTORS
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com