Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4680DSQ12T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4680DSQ12T1G
Description  150 mA, Low Noise Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4680DSQ12T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4680DSQ12T1G Datasheet HTML 4Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 5Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 6Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 7Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 8Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 9Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 10Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 11Page - ON Semiconductor NCP4680DSQ12T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP4680
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 27. PSRR, 0.8 V Version, VIN = 1.8 V
0
20
40
60
80
100
120
0.1
1
10
100
1000
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
Figure 28. PSRR, 1.8 V Version, VIN = 2.8 V
0
20
40
60
80
100
120
0.1
1
10
100
1000
IOUT = 1 mA
30 mA
150 mA
FREQUENCY (kHz)
Figure 29. PSRR, 2.8 V Version, VIN = 3.8 V
0
20
40
60
80
100
120
0.1
1
10
100
1000
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
Figure 30. PSRR, 3.3 V Version, VIN = 4.3 V
0
20
40
60
80
100
120
0.1
1
10
100
1000
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
Figure 31. Output Voltage Noise, 0.8 V Version,
VIN = 1.8 V
0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 32. Output Voltage Noise, 1.8 V Version,
VIN = 2.8 V
0.1
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)


Similar Part No. - NCP4680DSQ12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX33TCG ONSEMI-NCP4681DMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4680DSQ12T1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com