Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4680DSQ28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4680DSQ28T1G
Description  150 mA, Low Noise Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4680DSQ28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4680DSQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP4680DSQ28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 1
1
Publication Order Number:
NCP4680/D
NCP4680
150 mA, Low Noise Low
Dropout Regulator
The NCP4680 is a CMOS linear voltage regulator with 150 mA
output current capability. The device is available in a tiny 0.8x0.8 mm
XDFN, and has high output voltage accuracy, low supply current and
high ripple rejection. The NCP4680 is easy to use and includes output
current fold−back protection. A Chip Enable function is included to
save power by lowering supply current. The line and load transient
responses are very good, making this regulator ideal for use as a power
supply for communication equipment.
Features
Operating Input Voltage Range: 1.40 V to 5.25 V
Output Voltage Range: 0.8 V to 3.6 V (available in 0.1 V steps)
Output Voltage Accuracy: ±1.0%
Supply Current: 50 mA typical
Dropout Voltage: 0.25 V (IOUT = 150 mA, VOUT = 2.5 V)
High PSRR: 75 dB (f = 1 kHz, VOUT = 2.5 V)
Line Regulation: 0.02%/V Typ.
Stable with Ceramic Capacitors: 0.1 mF or more
Current Fold Back Protection
Available in XDFN4 0.8 x 0.8 mm, SC−70, SOT23 Packages
These are Pb−Free Devices
Typical Applications
Battery−powered Equipment
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Home Appliances
VIN
VOUT
CE
GND
C1
C2
100n
100n
VIN
VOUT
NCP4680x
Figure 1. Typical Application Schematic
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
XX, XXX= Specific Device Code
M, MM = Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
(Note: Microdot may be in either location)
XXX
XMM
SOT−23−5
CASE 1212
XX
M
1
XDFN4
CASE 711AB
XM
M
1


Similar Part No. - NCP4680DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
NCP4681DMX33TCG ONSEMI-NCP4681DMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4680DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com