Electronic Components Datasheet Search |
|
RCG12063K30JNEA Datasheet(PDF) 1 Page - Vishay Siliconix |
|
RCG12063K30JNEA Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page RCG e3 www.vishay.com Vishay Draloric Revision: 13-Feb-13 1 Document Number: 20047 For technical questions, contact: thickfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors FEATURES • Green resistor - does not use RoHS exemptions • Stability R/R = 1 % for 1000 h at 70 ° C • 2 mm pitch packaging option for 0603 size • Metal glaze on high quality ceramic • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Notes • These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime. • Marking: See datasheet “Surface Mount Resistor Marking” (document number 20020). • Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material. Note (1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. STANDARD ELECTRICAL SPECIFICATIONS MODEL CASE SIZE INCH CASE SIZE METRIC POWER RATING P70 W LIMITING ELEMENT VOLTAGE Umax. ACRMS/DC V TEMPERATURE COEFFICIENT ± ppm/K TOLERANCE ± % RESISTANCE RANGE SERIES RCG0402 0402 RR 1005M 0.063 50 100 1 1R0 to 9R76 150R to 10M E24; E96 150 10R to 147R 200 5 1R0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 1.5 A RCG0603 0603 RR 1608M 0.1 75 100 1 1R0 to 10M E24; E96 200 5 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 2.0 A RCG0805 0805 RR 2012M 0.125 150 100 1 1R0 to 10M E24; E96 200 5 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 2.5 A RCG1206 1206 RR 3216M 0.25 200 100 1 1R0 to 10M E24; E96 200 5 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. = 3.5 A TECHNICAL SPECIFICATIONS PARAMETER UNIT RCG0402 RCG0603 RCG0805 RCG1206 Rated dissipation P70 (1) W 0.063 0.1 0.125 0.25 Operating voltage Umax. ACRMS/DC V 50 75 150 200 Insulation voltage Uins (1 min) V 75 100 200 300 Insulation resistance > 109 Operating temperature range °C - 55 to + 155 Weight mg 0.65 2 5.5 10 |
Similar Part No. - RCG12063K30JNEA |
|
Similar Description - RCG12063K30JNEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |