Electronic Components Datasheet Search |
|
RCG120620K0FKEA Datasheet(PDF) 4 Page - Vishay Siliconix |
|
RCG120620K0FKEA Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 7 page RCG e3 www.vishay.com Vishay Draloric Revision: 13-Feb-13 4 Document Number: 20047 For technical questions, contact: thickfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( R) Stability for product types: STABILITY CLASS 2 OR BETTER RCG e3 1 to 10 M 1 to 10 M 4.5 - Resistance - ± 1 % ± 5 % 4.7 - Voltage proof U = 1.4 x Uins; 60 s No flashover or breakdown 4.13 - Short time overload U = 2.5 x 2 x U max.; Duration acc. to style ± (0.25 % R + 0.05 )± (0.5 % R + 0.05 ) 4.17.2 58 (Td) Solderability Solder bath method; Sn96.5Ag3Cu0.5 non-activated flux; (245 ± 5) °C (3 ± 0.3) s Good tinning ( 95 % covered) no visible damage 4.8.4.2 - Temperature coefficient (20/- 55/20) °C and (20/125/20) °C ± 100 ppm/K, ± 150 ppm/K ± 200 ppm/K 4.32 21 (Uu3) Shear (adhesion) RR 1608 and smaller: 9 N RR 2012 and larger: 45 N No visible damage 4.33 21 (Uu1) Substrate bending Depth 2 mm; 3 times No visible damage, no open circuit in bent position ± (0.25 % R + 0.05 ) 4.23 - Climatic sequence: - ± (1 % R + 0.05 )± (2 % R + 0.1 ) 4.23.2 2 (Ba) Dry heat 125 °C; 16 h 4.23.3 30 (Db) Damp heat, cyclic 55 °C; 90 % RH; 24 h; 1 cycle 4.23.4 1 (Aa) Cold - 55 °C; 2 h 4.23.5 13 (M) Low air pressure 1kPa; (25± 10) °C; 1h 4.23.6 30 (Db) Damp heat, cyclic 55 °C; 90 % RH; 24 h; 5 cycles 4.23.7 - DC load U = 4.25.1 - Endurance at 70 °C U = U max.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (1 % R + 0.05 )± (2 % R + 0.1 ) 4.18.2 58 (Td) Resistance to soldering heat Solder bath method (260 ± 5) °C; (10 ± 1) s ± (0.25 % R + 0.05 )± (0.5 % R + 0.05 ) 4.35 - Flamability, needle flame test IEC 60695-11-5; 10 s No burning after 30 s 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; (93 ± 3) % RH; 56 days ± (1 % R + 0.05 ) 4.25.3 - Endurance at upper category temperature 155 °C, 1000 h ± (1 % R + 0.05 )± (2 % R + 0.1 ) 4.40 - Electrostatic discharge (human body model) IEC 61340-3-1; 3 pos. + 3 neg. discharges; ESD test voltage acc. to size ± (1 % R + 0.05 ) P 70 x R P 70 x R P 70 x R |
Similar Part No. - RCG120620K0FKEA |
|
Similar Description - RCG120620K0FKEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |