Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTF6P02T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTF6P02T3G
Description  Power MOSFET -10 Amps, -20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF6P02T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NTF6P02T3G Datasheet HTML 1Page - ON Semiconductor NTF6P02T3G Datasheet HTML 2Page - ON Semiconductor NTF6P02T3G Datasheet HTML 3Page - ON Semiconductor NTF6P02T3G Datasheet HTML 4Page - ON Semiconductor NTF6P02T3G Datasheet HTML 5Page - ON Semiconductor NTF6P02T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Publication Order Number:
NTF6P02T3/D
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 6
1
NTF6P02, NVF6P02
Power MOSFET
-10 Amps, -20 Volts
P−Channel SOT−223
Features
Low RDS(on)
Logic Level Gate Drive
Diode Exhibits High Speed, Soft Recovery
Avalanche Energy Specified
NVF Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Power Management in Portables and Battery−Powered Products,
i.e.: Cellular and Cordless Telephones and PCMCIA Cards
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
Vdc
Gate−to−Source Voltage
VGS
±8.0
Vdc
Drain Current (Note 1)
− Continuous @ TA = 25°C
− Continuous @ TA = 70°C
− Single Pulse (tp = 10 ms)
ID
ID
IDM
−10
−8.4
−35
Adc
Apk
Total Power Dissipation @ TA = 25°C
PD
8.3
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = −20 Vdc, VGS = −5.0 Vdc,
IL(pk) = −10 A, L = 3.0 mH, RG = 25W)
EAS
150
mJ
Thermal Resistance
− Junction to Lead (Note 1)
− Junction to Ambient (Note 2)
− Junction to Ambient (Note 3)
RqJL
RqJA
RqJA
15
71.4
160
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Steady State.
2. When surface mounted to an FR4 board using 1” pad size,
(Cu. Area 1.127 sq in), Steady State.
3. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu. Area 0.412 sq in), Steady State.
1
2
3
4
−10 AMPERES
−20 VOLTS
RDS(on) = 44 mW (Typ.)
Device
Package
Shipping
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 3
MARKING DIAGRAM
& PIN ASSIGNMENT
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
Y
= Year
W
= Work Week
6P02
= Specific Device Code
G
= Pb−Free Package
AYW
6P02G
G
1
Gate
2
Drain
3
Source
Drain
4
(Note: Microdot may be in either location)
SOT−223
(Pb−Free)
NTF6P02T3G
4000 / Tape &
Reel
G
S
D
P−Channel MOSFET
SOT−223
(Pb−Free)
NVF6P02T3G*
4000 / Tape &
Reel


Similar Part No. - NTF6P02T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3G ONSEMI-NTF6P02T3G Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3G ONSEMI-NTF6P02T3G Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTF6P02T3G VBSEMI-NTF6P02T3G Datasheet
999Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
ON Semiconductor
NTF6P02T3G ONSEMI-NTF6P02T3G Datasheet
212Kb / 8P
   MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
More results

Similar Description - NTF6P02T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
MGSF2P02HD ONSEMI-MGSF2P02HD Datasheet
106Kb / 8P
   Power MOSFET 2 Amps, 20 Volts
April, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com