Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTFS5826NL Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTTFS5826NL
Description  NTTFS5826NL 60 V, 24 m, Single N?묬hannel, 8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS5826NL Datasheet(HTML) 6 Page - ON Semiconductor

  NTTFS5826NL Datasheet HTML 1Page - ON Semiconductor NTTFS5826NL Datasheet HTML 2Page - ON Semiconductor NTTFS5826NL Datasheet HTML 3Page - ON Semiconductor NTTFS5826NL Datasheet HTML 4Page - ON Semiconductor NTTFS5826NL Datasheet HTML 5Page - ON Semiconductor NTTFS5826NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTTFS5826NL
http://onsemi.com
6
PACKAGE DIMENSIONS
WDFN8 3.3x3.3, 0.65P
CASE 511AB
ISSUE C
M
0
***
1.60
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
1
5
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
D
E
B
A
0.20
0.20
2X
2X
DIM
MIN
NOM
MILLIMETERS
A
0.70
0.75
A1
0.00
D1
E1
1.47
1.60
e
0.64
0.06
0.13
A
0.10
0.10
DETAIL A
14
8
L1
e/2
8X
D2
G
E2
K
0.10 B
C
L
DETAIL A
A1
e
6X
c
4X
C
SEATING
PLANE
5
MAX
0.80
0.05
0.40
0.25
3.15
2.24
3.15
1.73
0.51
0.20
M
*For additional information on our Pb *Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.42
0.75
2.30
3.46
PACKAGE
8X
0.055
0.059
0
***
0.063
12
0.028
0.030
0.000
0.006
0.008
0.025
0.002
0.005
0.031
0.002
0.016
0.010
0.124
0.088
0.124
0.068
0.020
0.008
MIN
NOM
INCHES
MAX
7
8
PITCH
3.60
0.57
0.47
OUTLINE
DIMENSION: MILLIMETERS
3.30 BSC
3.30 BSC
0.130 BSC
0.130 BSC
2.37
0.66
4X
E3
0.23
0.30
0.40
0.009
0.012
0.016
E3
4X
23 4
q
b
c
D
D2
E
E2
G
K
L
L1
q
°°
°
°
0.30
1.40
1.50
*** ***
*** ***
0.43
0.56
0.012
0.017
0.022
0.016
0.012
0.41
0.30
0.65 BSC
0.026 BSC
0.058
0.063
0.116
0.120
3.05
2.95
1.98
2.95
3.05
2.11
0.078
0.116
0.120
0.083
***
***
0.012
0.009
C
C
0.23
0.15
0.30
0.20
CA
0.05
C
C
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NTTFS5826NL/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTTFS5826NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
112Kb / 6P
   Power MOSFET
November, 2011 ??Rev. 1
NTTFS5820NLTAG ONSEMI-NTTFS5820NLTAG Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NTTFS5820NLTAG ONSEMI-NTTFS5820NLTAG Datasheet
112Kb / 6P
   Power MOSFET
November, 2011 ??Rev. 1
NTTFS5820NLTWG ONSEMI-NTTFS5820NLTWG Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com