Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201DS-5N5XJLU Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0201DS-5N5XJLU
Description  Chip Inductors - 0201DS Series(0603)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0201DS-5N5XJLU Datasheet(HTML) 1 Page - Coilcraft lnc.

  0201DS-5N5XJLU Datasheet HTML 1Page - Coilcraft lnc. 0201DS-5N5XJLU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors-0201DSSeries(0603)
Document 699-1
Document 699-1 Revised 03/19/13
Inductance2
Percent
900 MHz
1.7 GHz
SRF typ4
DCR max5
Irms6
Part number1
(nH)
tolerance
L typ
Q typ3
L typ
Q typ3
(GHz)
(Ohms)
(mA)
0201DS-0N5XKL_
0.5
10
0.50
29
0.49
43
23.5
0.020
1250
0201DS-0N6XKL_
0.6
10
0.58
31
0.58
51
24.5
0.030
1000
0201DS-1N2XJL_
1.2
5
1.16
42
1.16
60
17.9
0.042
870
0201DS-1N3XJL_
1.3
5
1.24
38
1.24
57
17.6
0.048
820
0201DS-1N4XJL_
1.4
5
1.35
27
1.34
37
17.0
0.080
630
0201DS-1N5XJL_
1.5
5
1.47
28
1.47
40
17.0
0.090
600
0201DS-2N2XJL_
2.2
5
2.23
32
2.23
32
16.7
0.070
700
0201DS-2N3XJL_
2.3
5
2.28
45
2.28
64
16.5
0.070
670
0201DS-2N4XJL_
2.4
5
2.36
35
2.36
53
13.0
0.082
620
0201DS-2N5XJL_
2.5
5
2.50
31
2.49
44
12.5
0.165
440
0201DS-3N3XJL_
3.3
5
3.31
42
3.32
62
12.8
0.080
630
0201DS-3N4XJL_
3.4
5
3.38
42
3.42
62
12.7
0.080
630
0201DS-3N5XJL_
3.5
5
3.41
44
3.45
64
12.4
0.080
630
0201DS-3N6XJL_
3.6
5
3.53
40
3.57
61
12.5
0.105
550
0201DS-3N7XJL_
3.7
5
3.65
39
3.66
58
10.6
0.105
550
0201DS-3N8XJL_
3.8
5
3.81
38
3.81
60
10.2
0.180
420
0201DS-3N9XJL_
3.9
5
3.89
35
3.89
50
11.2
0.240
360
0201DS-4N8XJL_
4.8
5
4.83
34
4.83
50
11.0
0.096
570
0201DS-5N2XJL_
5.2
5
5.21
36
5.21
55
10.0
0.170
430
0201DS-5N5XJL_
5.5
5
5.49
35
5.49
50
9.5
0.285
330
0201DS-6N7XJL_
6.7
5
6.71
40
6.72
59
6.8
0.150
460
0201DS-7N0XJL_
7.0
5
6.97
39
6.97
60
6.7
0.210
390
0201DS-7N5XJL_
7.5
5
7.44
36
7.46
50
6.8
0.340
300
0201DS-8N2XJL_
8.2
5
8.14
37
8.22
53
6.4
0.270
340
0201DS-8N7XJL_
8.7
5
8.68
38
8.74
59
6.3
0.350
300
0201DS-9N0XJL_
9.0
5
9.02
42
9.04
63
6.4
0.350
300
0201DS-9N4XJL_
9.4
5
9.38
36
9.39
51
6.4
0.400
280
0201DS-9N6XJL_
9.6
5
9.62
38
9.64
53
6.2
0.400
280
0201DS-11NXJL_
11.0
5
11.11
40
11.15
62
5.7
0.400
280
0201DS-12NXJL_
12.0
5
12.15
39
12.20
56
5.6
0.360
300
0201DS-13NXJL_
13.0
5
13.12
38
13.22
52
6.7
0.440
270
0201DS-14NXJL_
14.0
5
14.13
37
14.37
51
5.1
0.440
270
1. When ordering, please specify
termination and packaging codes:
0201DS-14NXJLW
Termination: L = RoHS compliant silver-platinum-glass frit.
E = Halogen free component. RoHS compliant matte tin
over nickel over silver terminations.
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F fixture in an
Agilent/HP 4286 impedance analyzer with Coilcraft-provided correlation
pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197 test
fixture.
4. SRF measured using an Agilent/HP 8722ES network analyzer and a test
fixture with a 0.010
″ air gap.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture.
6. Current that causes a 15°C temperature rise from 25°C ambient.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• 0201size;world’ssmallestwirewoundinductor
• 32inductancevaluesfrom0.5to14nH
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.
Designer’s Kit C425 contains 20 each of all values
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-platinum-glass frit.
Weight 0.14 – 0.23 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.6 mm thick,
2 mm pocket spacing
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.


Similar Part No. - 0201DS-5N5XJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0201DS-5N5XJL COILCRAFT-0201DS-5N5XJL Datasheet
201Kb / 2P
   Chip Inductors
More results

Similar Description - 0201DS-5N5XJLU

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
   0603 Chip Inductors
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
   CWF1610 Series - 0603 Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
   0402/0603 Chip Inductors
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
logo
EPCOS
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
logo
RFE international
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
   SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
Coilcraft lnc.
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
   Chip Inductors 1812LS Series
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com