Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201DS-5N5XJLU Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0201DS-5N5XJLU
Description  Chip Inductors - 0201DS Series(0603)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0201DS-5N5XJLU Datasheet(HTML) 2 Page - Coilcraft lnc.

  0201DS-5N5XJLU Datasheet HTML 1Page - Coilcraft lnc. 0201DS-5N5XJLU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0201DS Chip Inductor Series (0603)
Document 699-2
Document 699-2 Revised 03/19/13
Typical Q vs Frequency
Typical L vs Frequency
Amax Bmax
Cmax
D
E
F
G
H
0.023 0.018
0.0177 0.004 0.015 0.009 0.007 0.018 inches
0,58
0,46
0,45
0,10
0,38
0,23
0,18
0,46 mm
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
110
100
1000
10000
Frequency (MHz)
0
100
90
80
70
60
50
40
30
20
10
0.6 nH
2.3 nH
3.9 nH
7.0 nH
12.0 nH
110
100
1000
10000
Frequency (MHz)
0
20
18
16
14
12
10
8
6
4
2
0.6 nH
2.3 nH
3.9 nH
7.0 nH
12.0 nH
A
B
overall
E
terminal
F
D
D
G
G
C
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.006/0,15 both ends
Pick and
place
material


Similar Part No. - 0201DS-5N5XJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0201DS-5N5XJL COILCRAFT-0201DS-5N5XJL Datasheet
201Kb / 2P
   Chip Inductors
More results

Similar Description - 0201DS-5N5XJLU

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
   0603 Chip Inductors
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
   CWF1610 Series - 0603 Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
   0402/0603 Chip Inductors
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
logo
EPCOS
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
logo
RFE international
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
   SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
Coilcraft lnc.
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
   Chip Inductors 1812LS Series
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com