Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805LS-332XGLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805LS-332XGLC
Description  Chip Inductors - 0805LS (2012)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805LS-332XGLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805LS-332XGLC Datasheet HTML 1Page - Coilcraft lnc. 0805LS-332XGLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 288-2
Document 288-2 Revised 01/18/12
0805LS Series Chip Inductors
0.1
1
10
100
0.1
1
10
100
0.01
Frequency (MHz)
1 µH
0.110 µH
3.3 µH
10 µH
27 µH
35
30
25
20
15
10
5
0
0.1
110
100
Frequency (MHz)
10 µH
3.3 µH
0.110 µH
1 µH
27 µH
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.090 0.075 0.063 0.020 0.050 0.020 0.040 0.070 0.040 0.030 inches
2,29
1,91
1,60
0,51
1,27
0,51
1,02
1,78
1,02
0,76 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
Pick and
place
material
Typical L vs Frequency
Typical Q vs Frequency
Irms Derating
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Note: Height dimension (C) is before optional solder application.For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 0805LS-332XGLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805LS-332XGLC COILCRAFT-0805LS-332XGLC Datasheet
275Kb / 2P
   Chip Inductors 0805LS
More results

Similar Description - 0805LS-332XGLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805LS-152XJLC COILCRAFT-0805LS-152XJLC Datasheet
95Kb / 2P
   Chip Inductors - 0805LS (2012)
0805LS-103XJLC COILCRAFT-0805LS-103XJLC Datasheet
95Kb / 2P
   Chip Inductors ??0805LS
0805LS-273XJLC COILCRAFT-0805LS-273XJLC Datasheet
275Kb / 2P
   Chip Inductors 0805LS
0805CS-101XJBC COILCRAFT-0805CS-101XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-471XJBC COILCRAFT-0805CS-471XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-240XGLB COILCRAFT-0805CS-240XGLB Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0603CS-47NXJLW COILCRAFT-0603CS-47NXJLW Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-391XGLC COILCRAFT-0805CS-391XGLC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805HT-22NTJLC COILCRAFT-0805HT-22NTJLC Datasheet
148Kb / 2P
   Chip Inductors - 0805HT (2012)
0805CS-820XJLB COILCRAFT-0805CS-820XJLB Datasheet
255Kb / 2P
   Chip Inductors ??0805CS (2012)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com