Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A01TKLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # A01TKLB
Description  Mini Spring Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

A01TKLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  A01TKLB Datasheet HTML 1Page - Coilcraft lnc. A01TKLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Mini Spring™ Air Core Inductors
Document 107-1
Document 107-1 Revised 10/03/11
SRF
DCR
Part
L2
Percent
Q4
min5
max6 Irms7 Weight
number1 Turns (nH)
tol3
min (GHz) (mOhm) (A)
(mg)
A01TKL_
1
2.5
10
145
12.5
1.1
4
31
A02T_L_
2
5.0
5,2,1
140
6.5
1.8
4
42
A03T_L_
3
8.0
5,2,1
140
5.0
2.6
4
52
A04T_L_
4
12.5
5,2,1
137
3.3
3.4
4
65
A05T_L_
5
18.5
5,2,1
132
2.5
3.9
4
78
B06T_L_
6
17.5
5,2,1
100
2.2
4.5
4
100
B07T_L_
7
22.0
5,2,1
102
2.1
5.2
4
110
B08T_L_
8
28.0
5,2,1
105
1.8
6.0
4
118
B09T_L_
9
35.5
5,2,1
112
1.5
6.8
4
133
B10T_L_
10
43.0
5,2,1
106
1.2
7.9
4
147
1. When ordering, please specify
tolerance, termination and packaging codes:
A02TGLC
Tolerance:
F = 1% G = 2% J = 5% K = 10% (Table shows stock
tolerances in bold.)
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape,
700 (AxxT) or 500 (BxxT) parts per full reel.
B = Less than full reel. In tape, but not machine-ready. To have
a leader and trailer added ($25 charge), use code letter C
instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked, 2500 (AxxT) or 2200 (BxxT)
parts per full reel.
2. Inductance measured at 150 MHz with an Agilent/HP 4286 or equivalent, a
Coilcraft SMD-A and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 150 MHz using an Agilent/HP 4291A with an Agilent/HP 16193A
test fixture or equivalents.
5. SRF tested on an Agilent/HP 8720D or equivalent and a Coilcraft SMD-D fixture.
6. DCR tested on the Cambridge Technology Model Micro-ohmmeter or equivalent.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging A0xT: 700/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth
BxxT: 500/7
″ reel; 2200/13″ reel Plastic tape: 16 mm wide,
0.28 mm thick, 8 mm pocket spacing, 3.4 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
• Small air core inductors feature high Q and tight tolerances
• Acrylic jacket provides a flat top for pick and place
• Solder coated leads ensure reliable soldering
Dimensions are in
inches
mm


Similar Part No. - A01TKLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A01TKLB COILCRAFT-A01TKLB Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
More results

Similar Description - A01TKLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A01TKL COILCRAFT-A01TKL Datasheet
240Kb / 2P
   Mini Spring??Air Core Inductors
A02TGLC COILCRAFT-A02TGLC Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
A03TJLC COILCRAFT-A03TJLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com