Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812FS-274KLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812FS-274KLC
Description  Filter Inductors - 1812FS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812FS-274KLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812FS-274KLC Datasheet HTML 1Page - Coilcraft lnc. 1812FS-274KLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 254-2
Document 254-2 Revised 03/14/12
Filter Inductors – 1812FS Series
A max B max C max
D ref
E ref
F ref
G
0.231
0.196
0.150
0.107
0.100
0.178
0.025 inches
5,87
4,98
3,81
2,72
2,54
4,52
0,64 mm
AF
B
overall
D
E
terminal
G
C
0.120
3,05
0.045
1,14
0.118
3,00
Recommended
Land Pattern
Typical L vs Frequency
10000
0.1
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
1000 µH
1 µH
10 µH
100 µH
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
Current (A)
10000
0.1
1
10
100
1000
1000 µH
100 µH
1 µH
10 µH
Typical L vs Current


Similar Part No. - 1812FS-274KLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812FS-274_L COILCRAFT-1812FS-274_L Datasheet
219Kb / 2P
   Filter Inductors
1812FS-274_L COILCRAFT-1812FS-274_L Datasheet
210Kb / 2P
   Filter Inductors
More results

Similar Description - 1812FS-274KLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
   Filter Inductors
Revision: 30-Jan-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
   Filter Inductors
Revision: 18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
   Filter Inductors
Revision: 27-Feb-06
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
219Kb / 2P
   Filter Inductors
logo
Vishay Siliconix
TE_TD VISHAY-TE_TD Datasheet
104Kb / 6P
   Filter Inductors
Revision: 02-Jun-06
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
   FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
   FILTER INDUCTORS
logo
Vishay Siliconix
IHD VISHAY-IHD Datasheet
221Kb / 3P
   Filter Inductors
Revision: 27-Feb-06
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
   Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
   Filter Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com