Electronic Components Datasheet Search |
|
1812FS-334KLB Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
1812FS-334KLB Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2013 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Filter Inductors – 1812FS Series Document 254-1 DCR5 SRF6 L2 %3 Q4 max typ Isat7 Irms8 Partnumber1 (µH) tol min (Ohms) (MHz) (mA) (mA) 1812FS-102_L_ 1.0 10,5 30 0.070 320 3100 2950 1812FS-122_L_ 1.2 10,5 35 0.110 280 2800 2600 1812FS-152_L_ 1.5 10,5 20 0.105 200 2100 2850 1812FS-222_L_ 2.2 10,5 30 0.120 175 1800 2700 1812FS-242_L_ 2.4 10,5 25 0.175 160 1900 2050 1812FS-272_L_ 2.7 10,5 30 0.200 165 1400 2100 1812FS-332_L_ 3.3 10,5 33 0.185 160 1400 1900 1812FS-392_L_ 3.9 10,5 32 0.195 145 1300 1700 1812FS-472_L_ 4.7 10,5 28 0.15 125 1000 1800 1812FS-562_L_ 5.6 10,5 35 0.40 110 1000 1650 1812FS-682_L_ 6.8 10,5 35 0.35 110 850 1450 1812FS-103_L_ 10 10,5 35 0.55 90 710 1400 1812FS-153_L_ 15 10,5 40 0.75 75 680 1150 1812FS-223_L_ 22 10,5 45 0.85 15 600 855 1812FS-333_L_ 33 10,5 45 1.1 10 540 820 1812FS-393_L_ 39 10,5 45 1.1 9.8 500 710 1812FS-473_L_ 47 10,5 45 1.2 8.0 390 645 1812FS-683_L_ 68 10,5 45 1.8 22.0 260 650 1812FS-104_L_ 100 10,5 45 2.5 4.5 260 520 1812FS-154_L_ 150 10,5 40 3.8 3.4 220 475 1812FS-224_L_ 220 10,5 45 5.4 3.0 180 390 1812FS-274_L_ 270 10,5 35 6.5 2.0 150 350 1812FS-334_L_ 330 10,5 45 6.8 3.0 150 310 1812FS-394_L_ 390 10,5 35 7.6 2.6 140 310 1812FS-474_L_ 470 10,5 35 8.7 2.1 130 280 1812FS-564_L_ 560 10,5 20 11.2 1.60 110 280 1812FS-684_L_ 680 10,5 25 12.7 1.90 100 250 1812FS-824_L_ 820 10,5 25 16.8 1.45 90 210 1812FS-105_L_ 1000 10,5 30 19.5 1.68 90 160 1. When ordering, please specify tolerance and packaging codes: 1812FS-105JLC Tolerance: J = 5% K = 10% (Table shows stock tolerances in bold.) Packaging: C = 7 ″ machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B = Less than full reel. On tape, but not machine ready. To have a leader and a trailer added ($25 charge), use code letter C instead. D = 13 ″ machine-ready reel. EIA-481 embossed plastic tape (2200 parts per full reel). 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft SMD-A fixture in an Agilent/HP 4263B impedance analyzer. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured at 1 MHz on an Agilent/HP 4291A with an Agilent/ HP 16193 test fixture. 5. DCR measured on a micro-ohmmeter and a Coilcraft CCF840 test fixture. 6. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 7. DC current at which the inductance drops 10% (typ) from its value without current. 8. Current that causes a 40°C temperature rise from 25°C ambient. 9. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. • Magneticallyshieldedchipinductors • Provideshighperformanceintransmitandreceivefilters • 29inductancevaluesfrom1.0–1000µH Core material Ceramic/Ferrite Terminations RoHS compliant silver-palladium-platinum-glass frit. Weight 0.33–0.36g Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto +125°Cwithderatedcurrent Storage temperature Component:–40°Cto+125°C. Tapeandreelpackaging:–40°Cto+80°C Resistance to soldering heat Max three 40 second reflows at +260°C,partscooledtoroomtemperaturebetweencycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 600/7 ″ reel; 2200/13″ reel. Plastic tape: 12 mm wide, 0.25 mm thick, 8 mm pocket spacing, 3.9 mm pocket depth PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf. Document 254-1 Revised 03/14/12 |
Similar Part No. - 1812FS-334KLB |
|
Similar Description - 1812FS-334KLB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |