Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1608C-103MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DS1608C-103MLB
Description  Shielded Power Inductors - DS1608C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS1608C-103MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  DS1608C-103MLB Datasheet HTML 1Page - Coilcraft lnc. DS1608C-103MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors–DS1608C
DCR
SRF
Part
L ±20%2
max
typ
Isat3
number1
(µH)
Q min
(Ohms) (MHz) (A)
DS1608C-102ML_
1.0 30@200 kHz 0.040 250
1.4
DS1608C-152ML_
1.5 30@200 kHz 0.045 125
0.93
DS1608C-222ML_
2.2 40@200 kHz 0.050 120
0.92
DS1608C-332ML_
3.3 40@200 kHz 0.055 120
0.75
DS1608C-472ML_
4.7 40@200 kHz 0.060 105
0.58
DS1608C-682ML_
6.8 40@200 kHz 0.065
50
0.58
DS1608C-822ML_
8.2 40@200 kHz 0.070
42
0.47
DS1608C-103ML_
10
40@200 kHz 0.075
38
0.37
DS1608C-153ML_
15
40@100 kHz 0.090
33
0.31
DS1608C-223ML_
22
40 @ 100 kHz 0.11
25
0.30
DS1608C-333ML_
33
40 @ 100 kHz 0.19
20
0.30
DS1608C-473ML_
47
40 @ 100 kHz 0.23
20
0.24
DS1608C-683ML_
68
40 @ 100 kHz 0.29
15
0.17
DS1608C-104ML_ 100
40 @ 100 kHz 0.48
10
0.13
DS1608C-154ML_ 150
40 @ 100 kHz 0.59
9
0.10
DS1608C-224ML_ 220
40 @ 100 kHz 0.77
6
0.10
DS1608C-334ML_ 330
40 @ 100 kHz 1.4
5
0.07
DS1608C-474ML_ 470
40 @ 100 kHz 1.8
4
0.06
DS1608C-684ML_ 680
40 @ 100 kHz 2.2
3
0.055
DS1608C-105ML_ 1000
40 @ 100 kHz 3.4
2
0.045
DS1608C-155ML_ 1500
50 @ 100 kHz 4.2
2
0.035
DS1608C-225ML_ 2200
50 @ 100 kHz 8.5
2
0.028
DS1608C-335ML_ 3300
50 @ 100 kHz 11.0
1
0.024
DS1608C-475ML_ 4700
50 @ 100 kHz 13.9
1
0.021
DS1608C-685ML_ 6800
50 @ 100 kHz 25.0
1
0.019
DS1608C-106ML_10000
50 @ 100 kHz 32.8
0.8 0.017
Document 186-1
Document 186-1 Revised 09/20/07
These shielded inductors can help achieve significantly
longer battery life in handheld devices and other portable
products.
They offer high efficiency and small size.Their flat top and
heat resistant materials ensure trouble-free assembly and
reflow operations.
For new designs, consider the MSS7341, MSS1038 or
LPS4018 as alternatives to this series.These series are
more cost effective and offer better current handling. In
addition, the LPS4018 is a significantly smaller part.We
will continue to manufacture and support the DS1608C
indefinitely.
1. When ordering, please specify
termination and packaging codes:
DS1608C-106MLC
Termination: L = RoHS compliant gold over nickel over moly-manganese
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (750 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (2500 parts per full reel).
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. DC current at which the inductance drops 30% (typ.) from its value with-
out current.
4. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant gold over nickel over moly-manganese.
Other terminations available at additional cost.
Weight 144– 167 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.28 mm thick, 4 mm pocket spacing, 3 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - DS1608C-103MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-103MLB COILCRAFT-DS1608C-103MLB Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-103MLB COILCRAFT-DS1608C-103MLB Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-103MLB COILCRAFT-DS1608C-103MLB Datasheet
484Kb / 3P
   Shielded Power Inductors ??DS1608C
More results

Similar Description - DS1608C-103MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C COILCRAFT-DS1608C_15 Datasheet
484Kb / 3P
   Shielded Power Inductors ??DS1608C
DS1608C-103MLC COILCRAFT-DS1608C-103MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-222MLC COILCRAFT-DS1608C-222MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-474MLC COILCRAFT-DS1608C-474MLC Datasheet
213Kb / 2P
   Shielded Power Inductors ??DS1608C
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com