Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5022P-562MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DS5022P-562MLD
Description  SMT Power Inductors - DS5022P Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS5022P-562MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  DS5022P-562MLD Datasheet HTML 1Page - Coilcraft lnc. DS5022P-562MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document 188-2
Document 188-2
Revised 01/12/11
SMT Power Inductors - DS5022P Series
0.600
15,24
max
0.100
2,54
0.100
2,54
0.115
2,92
0.490
12,45
0.110
2,79
Recommended
Land Pattern
max
0.300
7,62
0.500
12,70
dia
0.380
9,65
dia
Dash
number
Internal
code
Start
Finish
0.710 ±0.020
18,03 ±0,508
0.510 ±0.010
12,95 ±0,25
*
*
Allow an additional 0.01/0,254
in width and 0.005/0,127 in
length for optional
tin-silver-copper application.
tin-lead and
*
Part marking since Feb. 2005. Parts manufactured
prior to that date may have color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
Weight:
2.6 – 3.0 g
Tape and reel:
250/13
″ reel 32 mm tape width
For packaging data see Tape and Reel Specifications section.
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1000 µH
Typical L vs Current
0.01
0.1
110
1
10
100
1000
10000
0.01
0.1
110
Frequency (MHz)
10 µH
100 µH
1000 µH
Typical L vs Frequency
Irms Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - DS5022P-562MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P-562ML COILCRAFT-DS5022P-562ML Datasheet
263Kb / 2P
   SMT Power Inductors
DS5022P-562ML COILCRAFT-DS5022P-562ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-562ML COILCRAFT-DS5022P-562ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-562ML COILCRAFT-DS5022P-562ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-562ML COILCRAFT-DS5022P-562ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
More results

Similar Description - DS5022P-562MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-104MLD COILCRAFT-DS5022P-104MLD Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com