Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL2014-472MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # EPL2014-472MLD
Description  Shielded Power Inductors - EPL2014
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL2014-472MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  EPL2014-472MLD Datasheet HTML 1Page - Coilcraft lnc. EPL2014-472MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors – EPL2014 Series
Document 583-2
Document 583-2 Revised 10/28/09
Typical L vs Current
Typical L vs Frequency
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
10 µH
1.0 µH
0.3 µH
3.3 µH
0.1
1
10
100
0.01
0.1
10
1
Current (A)
10 µH
0.3 µH
1.0 µH
3.3 µH
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Dimensions are in
inches
mm
Small surface blemishes are not unusual and do not adversely affect performance.
Wire may be visible inside the voids.
Acceptable void sizes:
Top: 0.01 in / 0,254 mm × 0.01 in / 0,254 mm
Sides: 0.02 in / 0,5 mm × 0.047 in / 1,2 mm
Part Marking (Parts manufactured prior to Oct.20, 2009 may not be marked.)
Part number
Value
1st digit
2nd digit
Multiplier
EPL2014-271
0.27 µH
Red
Violet
Brown
EPL2014-421
0.42 µH
Yellow
Red
Brown
EPL2014-601
0.60 µH
Blue
Black
Brown
EPL2014-821
0.82 µH
Gray
Red
Brown
EPL2014-102
1.0 µH
Brown
Black
Red
EPL2014-152
1.5 µH
Brown
Green
Red
EPL2014-222
2.2 µH
Red
Red
Red
EPL2014-332
3.3 µH
Orange
Orange
Red
EPL2014-472
4.7 µH
Yellow
Violet
Red
EPL2014-682
6.8 µH
Blue
Gray
Red
EPL2014-822
8.2 µH
Gray
Red
Red
EPL2014-103
10 µH
Brown
Black
Orange
Note: All marked parts have three dots.Black dot, used only on -601, -102 and
-103 as second significant digit, may be very difficult to see.
0.057
1,45
max
0.079 ±0.008
2,0 ±0,2
0.079 ±0.008
2,0 ±0,2
Part Marking
1st
digit
significant
2nd
significant
digit
Multiplier
Start
Finish
Recommended
Land Pattern
0.057
1,45
0.087
2,2
0.041
1,04
0.069
1,75
0.014
0,35
0.030
0,75
min
max
max


Similar Part No. - EPL2014-472MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2014-472MLD COILCRAFT-EPL2014-472MLD Datasheet
287Kb / 2P
   Shielded Power Inductors ??EPL2014
More results

Similar Description - EPL2014-472MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2014-103MLB COILCRAFT-EPL2014-103MLB Datasheet
287Kb / 2P
   Shielded Power Inductors ??EPL2014
EPL2014-682MLB COILCRAFT-EPL2014-682MLB Datasheet
167Kb / 2P
   Shielded Power Inductors ??EPL2014
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com