Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG47CD400 Datasheet(PDF) 1 Page - Dubilier

Part # DPG47CD400
Description  CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DPG47CD400 Datasheet(HTML) 1 Page - Dubilier

  DPG47CD400 Datasheet HTML 1Page - Dubilier DPG47CD400 Datasheet HTML 2Page - Dubilier DPG47CD400 Datasheet HTML 3Page - Dubilier DPG47CD400 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
69
CAPACITORS
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
SPECIFICATION
ORDERING INFORMATION
Long-life grade (up to 2000 hours @ 105°C)
Standard snap-in pin style
Case size options
The DPG is a snap-in electrolytic capacitor featuring a higher
degree of volumetric efficiency than previous types.
The product is particularly suited for the high-voltage end of
switching power supplies. The high ripple current capability is very
useful in motor-drive applications.
DPG
47
AC
400
Range
Diameter
A = 22.4mm
B = 25mm
C = 30mm
D = 35.5mm
Capacitance
µf
Height
A = 20mm
B = 25mm
C = 30mm
D = 35mm
E = 40mm
F = 45mm
G = 50mm
Case Code
(see below)
Voltage
Two letter case code AC = 22.4mm dia. x 30mm height.
Item
Electrical Characteristics
Operating Temperature Range
-40° to +105°C -25° to +105°C
Rate Working Voltage Range
6.3 to 100VDC 160 to 450VDC
Capacitance Tolerance
±20% (At 20°C, 120Hz)
DC Current Leakage (µA)
I = ≤0.02 CV, L= 20m/m, l= 0.03mA Whichever is smaller.
(At 25°C, After 5 Minutes)
Where, l: Leakage Current (µA) C: Nominal Capacitance (µF) V: Rated Voltage (V)
Dissipation Factor (tand∂) Rate Voltage (V)
6.3
10
16
25
35
50
63-100 160-450
D.F (%)
60
55
50
45
35
30
30
15
* Note: 15% For D = 35m/m or L = 20m/m (At 20°C, 120Hz)
(WV = 6.3 to 100V For capacitor whose capacitance exceeds 1000µF
The value of D.F (%) is increased by 2% for every addition of 1000µF
Low Temperature
Characteristics (120Hz)
Rated Voltage (V)
6.3-16
25
35
50-63 80-100 160-400
450
Z(–25°C) / (Z+20°C)
4
3
3
2
2
4
8
Z(–40°C) / (Z+20°C)
15
10
8
6
5
-
-
Load Life
The following specifications shall be satisfied when the capacitors are restored to
20°C after the rated voltage with maximum ripple current is applied for 2000 hours
at 105°C.
Capacitance Change
≤±20% of the initial value
D.F
≤200% of the initial specified value
Leakage Current
≤ the initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
25°C after exposing them for 1000 hours at 105°C without voltage applied.
Capacitance Change
≤±20% of the initial value
D.F
≤150% of the initial specified value
Leakage Current
≤ 150% of the initial specified value
www.dubilier.co.uk


Similar Part No. - DPG47CD400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47CD400 DUBILIER-DPG47CD400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
More results

Similar Description - DPG47CD400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
CLP1000CF200 DUBILIER-CLP1000CF200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECEA6.3U0R1W PANASONIC-ECEA6.3U0R1W Datasheet
181Kb / 9P
   Aluminium Electrolytic Capacitors/SU
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com