Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG47DD400 Datasheet(PDF) 2 Page - Dubilier

Part # DPG47DD400
Description  CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DPG47DD400 Datasheet(HTML) 2 Page - Dubilier

  DPG47DD400 Datasheet HTML 1Page - Dubilier DPG47DD400 Datasheet HTML 2Page - Dubilier DPG47DD400 Datasheet HTML 3Page - Dubilier DPG47DD400 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
70
OUTLINE DRAWING
CAPACITORS
RIPPLE CURRENT MULTIPLIERS
Vinyl Sleeve
L ±2
6 ±1
D ±1
Mounting Holes
on Chassis
Negative
Safety Vent
Terminals
0.9 +0.2/-0.1
0.8 ±0.1
1.5 ±0.1
3.5
6.0 ±1
D ±1
1) Maximum rms ripple currents at 120Hz, 85°C and 105°C are given in the table.
2) Temperature multiplying factor;
Where capacitors are operated at temperature other than 105°C, the maximum ripple current must be multiplied by the figure
shown in the table below.
3) Frequency multiplying factor;
If capacitors are used to filter circuits at a frequency other than 120Hz, the rated 120Hz rms ripple current shown must be
multiplied by the factor shown in the table below.
AMBIENT TEMP./MULTIPLYING FACTOR
FREQUENCY/MULTIPLYING FACTOR
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
Frequency coefficient
Freq(Hz)/Cap(uF)
50
60
120
1K
10K - 00K
6.3 to 100V
0.88
0.90
1.00
1.15
1.16
160 to 250V
0.85
0.88
1.00
1.15
1.20
315 to 450V
0.88
0.9
1.00
1.10
1.15
Temperature coefficient
Temperature ( °C )
60
70
85
105
Factor
2.37
2.17
1.67
1.00
www.dubilier.co.uk


Similar Part No. - DPG47DD400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47DD400 DUBILIER-DPG47DD400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
More results

Similar Description - DPG47DD400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
CLP1000CF200 DUBILIER-CLP1000CF200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECEA6.3U0R1W PANASONIC-ECEA6.3U0R1W Datasheet
181Kb / 9P
   Aluminium Electrolytic Capacitors/SU
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com