Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG47AE400 Datasheet(PDF) 4 Page - Dubilier

Part # DPG47AE400
Description  CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DPG47AE400 Datasheet(HTML) 4 Page - Dubilier

  DPG47AE400 Datasheet HTML 1Page - Dubilier DPG47AE400 Datasheet HTML 2Page - Dubilier DPG47AE400 Datasheet HTML 3Page - Dubilier DPG47AE400 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
72
CAPACITORS
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(120Hz/105°C)
22.4x45
25x40
4700
30x30
2.25
35.5x25
25x50
50V
6800
30x40
3.25
35.5x30
10000
30x50
4.00
35.5x40
15000
35.5x50
4.77
1000
20x25
1.10
1500
22.4x30
1.30
25x25
2200
22.4x35
1.70
25x30
63V
22.4x50
3300
25x40
2.10
30x30
35.5x25
25x50
4700
30x40
2.80
35.5x30
6800
30x50
3.65
35.5x40
10000
35.5x50
4.40
1000
22.4x30
1.20
25x25
1500
22.4x35
1.45
25x30
22.4x45
25x35
80V
2200
30x30
2.00
35.5x25
25x50
3300
30x40
2.40
35.5x30
4700
30x50
3.30
35.5x40
6800
35.5x50
4.72
680
24.4x25
1.04
100V 1000
24.4x35
1.43
25x30
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(120Hz/105°C)
22.4x45
25x40
1500
30x30
1.95
35.5x25
100V
25x50
2200
30x40
2.53
35.5x30
3300
30x50
3.25
35.5x40
4700
35.5x50
4.53
220
22.4x25
0.66
330
24.4x25
1.20
470
22.4x35
1.28
680
22.4x45
1.64
160V
25x35
1000
25x45
2.17
30x35
1500
30x45
2.62
35.5x35
2200
35.5x50
3.34
220
22.4x25
0.78
330
22.4x30
1.20
25x25
200V
22.4x35
470
25x35
1.40
25x30
680
25x40
1.75
30x30
1000
30x45
2.30
35.5x35
1500
35.5x50
2.21
250V
220
22.4x30
0.97
25x25
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(120Hz/105°C)
330
22.4x40
1.21
30x25
250V
470
30x30
1.52
680
35.5x35
1.92
1000
35.5x40
2.3
47
22.4x30
0.35
400V
68
22x25
0.49
100
22.4x35
0.62
25x30
25x45
220
30x35
1.00
35.5x30
330
30x45
1.40
35.5x40
470
35x40
1.75
www.dubilier.co.uk


Similar Part No. - DPG47AE400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47AE400 DUBILIER-DPG47AE400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
More results

Similar Description - DPG47AE400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
CLP1000CF200 DUBILIER-CLP1000CF200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECEA6.3U0R1W PANASONIC-ECEA6.3U0R1W Datasheet
181Kb / 9P
   Aluminium Electrolytic Capacitors/SU
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com