Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZU04 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WZU04
Description  TinyLogic UHS Dual Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZU04 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZU04 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZU04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7V
DC Input Voltage (VIN)
−0.5V to +7V
DC Output Voltage (VOUT)
−0.5V to +7V
DC Input Diode Current (IIK)
VIN < −0.5V
−50 mA
DC Output Diode Current (IOK)
VOUT < −0.5V
−50 mA
VOUT > 0.5V, VCC = GND
+50 mA
DC Output Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
180 mW
Supply Voltage Operating (VCC)
1.8V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)350°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level
1.8 to 2.7
0.85 VCC
0.85 VCC
V
Input Voltage
3.0 to 5.5
0.8 VCC
0.8 VCC
VIL
LOW Level
1.8 to 2.7
0.15 VCC
0.15 VCC
V
Input Voltage
3.0 to 5.5
0.2 VCC
0.2 VCC
VOH
HIGH Level
1.65
1.55
1.65
1.55
VVIN = VIL
IOH = −100 µA
Output Voltage
1.8
1.6
1.79
1.6
2.3
2.1
2.29
2.1
3.0
2.7
2.99
2.7
4.5
4.0
4.48
4.0
1.65
1.26
1.52
1.29
VVIN = GND
IOH = −2 mA
2.3
1.9
2.19
1.9
IOH = −2 mA
3.0
2.4
2.82
2.4
IOH = −4mA
3.0
2.3
2.73
2.3
IOH = −6 mA
4.5
3.8
4.24
3.8
IOH = −8 mA
VOL
LOW Level
1.65
0.01
0.2
0.2
VVIN = VIH
IOL = 100 µA
Output Voltage
1.8
0.01
0.2
0.2
2.3
0.01
0.2
0.2
3.0
0.01
0.3
0.3
4.5
0.01
0.5
0.5
1.65
0.10
0.24
0.24
VVIN = VCC
IOL =2 mA
2.3
0.12
0.3
0.3
IOL =2 mA
3.0
0.19
0.4
0.4
IOL = 4mA
3.0
0.29
0.55
0.55
IOL = 6 mA
4.5
0.29
0.55
0.55
IOL = 8 mA
IIN
Input Leakage Current
0 to 5.5
±0.1
±1.0
µAV
IN = 5.5V, GND
ICC
Quiescent Supply Current 1.65 to 5.5
1.0
10
µAV
IN = 5.5V, GND
ICCPEAK
Peak Supply Current
1.8
0.2
mA
VOUT = Open
in Analog Operation
2.5
2
VIN = Adjust for
3.3
5
Peak ICC Current
5.0
15


Similar Part No. - NC7WZU04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
logo
ON Semiconductor
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZU04L6X FAIRCHILD-NC7WZU04L6X Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
logo
ON Semiconductor
NC7WZU04L6X ONSEMI-NC7WZU04L6X Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
More results

Similar Description - NC7WZU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZU04 ONSEMI-NC7WZU04_V01 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com