Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTF12102C10 Datasheet(PDF) 1 Page - Dubilier

Part # RTF12102C10
Description  SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RTF12102C10 Datasheet(HTML) 1 Page - Dubilier

  RTF12102C10 Datasheet HTML 1Page - Dubilier RTF12102C10 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140
Dimensions in mm
SURFACE MOUNT
SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
ORDERING INFORMATION
RATING
Exceptionally low tolerance
0402 and 2512 size
Low noise performance
Highly suited for audio amongst others
L
T
T
W
t
t
H
H
RTF
12
102
A
Range
Size
04 = 0402
12 = 0805
16 = 0603
25 = 1206
50 = 2010
100 = 2512
Value
Tolerance
A = ±0.1%
B = ±0.5%
C = ±0.25%
F = ±1%
OUTLINE DRAWING
CONSTRUCTION
Size Code
Power
Rating
Max. Working
Voltage
Max. Overload
Voltage
Tolerance
Operating
Temp Range
0402
1/16w
50v
100v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
0603
1/10w
75v
150v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
0805
1/8w
150v
300v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
1206
1/8w
200v
400v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
2010
1/2w
200v
400v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
2512
3/4w
200v
400v
1%
0.5%
0.25%
0.1%
-55°C to +125°C
Size Code
Resistance Range
TCR
0402
10Ω to 121kΩ
10ppm (on request)
15ppm (on request)
25ppm
50ppm
0603
3Ω to 681kΩ
0805
3Ω to 1.5MΩ
1206
3Ω to 1.5MΩ
2010
10Ω to 1MΩ
2512
10Ω to 1MΩ
Range
Size Code
Length L/mm
Width W/mm
Height H/mm
Terminal T/mm
RTF04
0402
1.00 ± 0.1
0.5 ± 0.05
0.35 ± 0.05
0.2 ± 0.1
RTF16
0603
1.60 ± 0.1
0.8 ± 0.1
0.45 ± 0.1
0.25 ± 0.15
RTF12
0805
2.00 ± 0.1
1.25 ± 0.1
0.5 ± 0.1
0.35 ± 0.2
RTF25
1206
3.10 ± 0.1
1.60 ± 0.1
0.55 ± 0.1
0.45 ± 0.2
RTF50
2010
5.00 ± 0.1
2.5 ± 0.15
0.55 ± 0.1
0.6 ± 0.2
RTF100
2512
6.35 ± 0.1
3.2 ± 0.15
0.55 ± 0.1
0.6 ± 0.2
Resistor
Substrate
Internal Electrode
Secondary Electrode
External Electrode
Overcoat
Blank = 50ppm
25ppm = 25ppm
15ppm = 15ppm
10ppm = 10ppm
www.dubilier.co.uk


Similar Part No. - RTF12102C10

ManufacturerPart #DatasheetDescription
logo
Dubilier
RTF12102C10 DUBILIER-RTF12102C10 Datasheet
182Kb / 2P
   SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
More results

Similar Description - RTF12102C10

ManufacturerPart #DatasheetDescription
logo
Dubilier
RTF12102A DUBILIER-RTF12102A Datasheet
182Kb / 2P
   SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
RTF DUBILIER-RTF Datasheet
302Kb / 2P
   SURFACE MOUNT THIN FILM CHIP RESISTORS
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
   SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
   Thin-Film Surface Mount
logo
Littelfuse
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com