Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3243E Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3243E
Description  짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3243E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3243E Datasheet HTML 6Page - Intersil Corporation ICL3243E Datasheet HTML 7Page - Intersil Corporation ICL3243E Datasheet HTML 8Page - Intersil Corporation ICL3243E Datasheet HTML 9Page - Intersil Corporation ICL3243E Datasheet HTML 10Page - Intersil Corporation ICL3243E Datasheet HTML 11Page - Intersil Corporation ICL3243E Datasheet HTML 12Page - Intersil Corporation ICL3243E Datasheet HTML 13Page - Intersil Corporation ICL3243E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
FN4910.21
February 22, 2010
ICL3241ECA-T (Note 1)
ICL 3241ECA
0 to +70
28 Ld SSOP
M28.209
ICL3241ECAZ (Note 2)
ICL3241 ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3241ECAZ-T (Notes 1, 2)
ICL3241 ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3241ECBZ (Note 2)
ICL3241ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3241ECBZ-T (Notes 1, 2)
ICL3241ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3241ECVZ (Note 2)
ICL3241 ECVZ
0 to +70
28 Ld TSSOP (Pb-free)
M28.173
ICL3241EIA-T (Note 1)
ICL 3241EIA
-40 to +85
28 Ld SSOP
M28.209
ICL3241EIAZ (Note 2)
ICL3241 EIAZ
-40 to +85
28 Ld SSOP (Pb-free)
M28.209
ICL3241EIAZ-T (Notes 1, 2)
ICL3241 EIAZ
-40 to +85
28 Ld SSOP (Pb-free)
M28.209
ICL3241EIBZ (Note 2)
ICL3241EIBZ
-40 to +85
28 Ld SOIC (Pb-free)
M28.3
ICL3241EIBZ-T (Notes 1, 2)
ICL3241EIBZ
-40 to +85
28 Ld SOIC (Pb-free)
M28.3
ICL3241EIV-T (Note 1)
ICL3241 EIV
-40 to +85
28 Ld TSSOP
M28.173
ICL3241EIVZ (Note 2)
ICL3241 EIVZ
-40 to +85
28 Ld TSSOP (Pb-free)
M28.173
ICL3241EIVZ-T (Notes 1, 2)
ICL3241 EIVZ
-40 to +85
28 Ld TSSOP (Pb-free)
M28.173
ICL3243ECA
ICL 3243ECA
0 to +70
28 Ld SSOP
M28.209
ICL3243ECA-T (Note 1)
ICL 3243ECA
0 to +70
28 Ld SSOP
M28.209
ICL3243ECAZ (Note 2)
ICL32 43ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3243ECAZ-T (Notes 1, 2)
ICL32 43ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3243ECBZ (Note 2)
ICL3243ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3243ECBZ-T (Notes 1, 2)
ICL3243ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3243ECV-T (Note 1)
ICL3243 ECV
0 to +70
28 Ld TSSOP
M28.173
ICL3243ECVZ (Note 2)
ICL3243 ECVZ
0 to +70
28 Ld TSSOP (Pb-free)
M28.173
ICL3243ECVZ-T (Notes 1, 2)
ICL3243 ECVZ
0 to +70
28 Ld TSSOP (Pb-free)
M28.173
ICL3243EIA-T (Note 1)
ICL 3243EIA
-40 to +85
28 Ld SSOP
M28.209
ICL3243EIAZ (Note 2)
ICL32 43EIAZ
-40 to +85
28 Ld SSOP (Pb-free)
M28.209
ICL3243EIAZ-T (Notes 1, 2)
ICL32 43EIAZ
-40 to +85
28 Ld SSOP (Pb-free)
M28.209
ICL3243EIV
ICL3243 EIV
-40 to +85
28 Ld TSSOP
M28.173
ICL3243EIVZ (Note 2)
ICL3243 EIVZ
-40 to +85
28 Ld TSSOP (Pb-free)
M28.173
ICL3243EIVZ-T (Notes 1, 2)
ICL3243 EIVZ
-40 to +85
28 Ld TSSOP (Pb-free)
M28.173
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ICL3221E, ICL3222E, ICL3223E, ICL3232E,
ICL3241E, ICL3243E. For more information on MSL please see techbrief TB363.
Ordering Information (Continued)
PART NUMBER
(Note 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E


Similar Part No. - ICL3243E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3243E INTERSIL-ICL3243E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243E INTERSIL-ICL3243E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3243E INTERSIL-ICL3243E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243E INTERSIL-ICL3243E Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3243E INTERSIL-ICL3243E Datasheet
699Kb / 33P
   ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)
More results

Similar Description - ICL3243E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com