Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDC652 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDC652
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDC652 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NDC652 Datasheet HTML 2Page - Fairchild Semiconductor NDC652 Datasheet HTML 3Page - Fairchild Semiconductor NDC652 Datasheet HTML 4Page - Fairchild Semiconductor NDC652 Datasheet HTML 5Page - Fairchild Semiconductor NDC652 Datasheet HTML 6Page - Fairchild Semiconductor NDC652 Datasheet HTML 7Page - Fairchild Semiconductor NDC652 Datasheet HTML 8Page - Fairchild Semiconductor NDC652 Datasheet HTML 9Page - Fairchild Semiconductor NDC652 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NDC652P Rev. D1
-10
-8
-6
-4
-2
0
0
2
4
6
8
I
, DRAIN CURRENT (A)
T = -55°C
J
D
V
= -10V
DS
125°C
25°C
Figure 13. Transconductance Variation with Drain
Current and Temperature
Figure 16. Maximum Safe Operating Area
Typical Electrical and ThermalCharacteristics (continued)
0
0.2
0.4
0.6
0.8
1
1
1.5
2
2.5
3
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
V
= -4.5V
A
o
GS
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2oz COPPER MOUNTING PAD AREA (in
)
2
1c
1b
1a
4.5"x5" FR-4 Board
T
= 25 C
Still Air
A
o
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.03
0.1
0.3
1
3
10
30
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
100ms
10ms
1s
1ms
RDS(ON)
LIMIT
DC
100us
V
= -4.5V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
GS
A
θJA
Figure 14. SOT-6 Maximum Steady-State Power
Dissipation versus Copper Mounting Pad Area.
Figure 15. Maximum Steady-State Drain Current
versus Copper Mounting Pad Area.
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/ t
1
2
R
(t) = r(t) * R
R
= See Note 1c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 17. Transient Thermal Response Curve
.
Note:
Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.


Similar Part No. - NDC652

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDC652P VBSEMI-NDC652P Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDC652

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com