Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3223CAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL3223CAZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3223CAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL3223CAZ Datasheet HTML 5Page - Intersil Corporation ICL3223CAZ Datasheet HTML 6Page - Intersil Corporation ICL3223CAZ Datasheet HTML 7Page - Intersil Corporation ICL3223CAZ Datasheet HTML 8Page - Intersil Corporation ICL3223CAZ Datasheet HTML 9Page - Intersil Corporation ICL3223CAZ Datasheet HTML 10Page - Intersil Corporation ICL3223CAZ Datasheet HTML 11Page - Intersil Corporation ICL3223CAZ Datasheet HTML 12Page - Intersil Corporation ICL3223CAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
FN4805.21
March 1, 2006
Receiver Threshold to
Transmitters Enabled Delay (tWU)
25
-
100
-
µs
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
-
µs
RECEIVER INPUTS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC = 3.3V
25
0.6
1.2
-
V
VCC = 5.0V
25
0.8
1.5
-
V
Input Threshold High
VCC = 3.3V
25
-
1.5
2.4
V
VCC = 5.0V
25
-
1.8
2.4
V
Input Hysteresis
25
-
0.3
-
V
Input Resistance
25
3
5
7
k
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V
Automatic Powerdown or FORCEOFF = SHDN =GND
Full
-
-
±25
µA
MOUSE DRIVEABILITY (ICL324X Only)
Transmitter Output Voltage
(See Figure 9)
T1IN =T2IN = GND, T3IN =VCC, T3OUT Loaded with 3kΩ to
GND, T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5-
-
V
TIMING CHARACTERISTICS
Maximum Data Rate
RL =3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.3
-
µs
tPLH
25
-
0.3
-
µs
Receiver Output Enable Time
Normal Operation (Except ICL3232)
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation (Except ICL3232)
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH
Full
-
200
1000
ns
Receiver Skew
tPHL - tPLH
Full
-
100
500
ns
Transition Region Slew Rate
VCC =3.3V,
RL =3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 200pF to 2500pF
25
4
8.0
30
V/
µs
CL = 200pF to 1000pF
25
6
-
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
ICL3221 - ICL3243
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge ICL3221 - ICL3243
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge ICL3221 - ICL3232
25
-
±8-
kV
ICL3241 - ICL3243
25
-
±6-
kV
All Other Pins
Human Body Model
ICL3221 - ICL3243
25
-
±2-
kV
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1
µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3223CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3223CAZ INTERSIL-ICL3223CAZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223CAZ INTERSIL-ICL3223CAZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223CAZ INTERSIL-ICL3223CAZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223CAZ INTERSIL-ICL3223CAZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223CAZ INTERSIL-ICL3223CAZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3223CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com