Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660ACPA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7660ACPA
Description  CMOS Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660ACPA Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7660ACPA Datasheet HTML 1Page - Intersil Corporation ICL7660ACPA Datasheet HTML 2Page - Intersil Corporation ICL7660ACPA Datasheet HTML 3Page - Intersil Corporation ICL7660ACPA Datasheet HTML 4Page - Intersil Corporation ICL7660ACPA Datasheet HTML 5Page - Intersil Corporation ICL7660ACPA Datasheet HTML 6Page - Intersil Corporation ICL7660ACPA Datasheet HTML 7Page - Intersil Corporation ICL7660ACPA Datasheet HTML 8Page - Intersil Corporation ICL7660ACPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN3072.7
October 10, 2005
Functional Block Diagram
Voltage Conversion Efficiency
VOUTEFF V+ = 3V, RL =
--
-
99
-
-
%
TMIN < TA < TMAX
--
-
99
-
-
%
Power Efficiency
PEFF
V+ = 3V, RL = 5kΩ
--
-
96
-
-
%
TMIN < TA < TMAX
--
-
95
-
-
%
NOTES:
2. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs
from sources operating from external supplies be applied prior to “power up” of the ICL7660, ICL7660A.
3. Derate linearly above 50°C by 5.5mW/°C.
4. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, of the order of 5pF.
5. The Intersil ICL7660A can operate without an external diode over the full temperature and voltage range. This device will function in existing
designs which incorporate an external diode with no degradation in overall circuit performance.
Electrical Specifications
ICL7660 and ICL7660A, V+ = 5V, TA = 25°C, COSC = 0, Test Circuit Figure 11
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7660
ICL7660A
UNITS
MIN
TYP MAX
MIN
TYP MAX
RC
OSCILLATOR
÷2
VOLTAGE
LEVEL
TRANSLATOR
VOLTAGE
REGULATOR
LOGIC
NETWORK
OSC
LV
V+
CAP+
CAP-
VOUT
Typical Performance Curves (Test Circuit of Figure 11)
FIGURE 1. OPERATING VOLTAGE AS A FUNCTION OF
TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A FUNCTION
OF SUPPLY VOLTAGE
10
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
8
6
4
2
0
-55
-25
0
25
50
100
125
TEMPERATURE (
°C)
10K
TA = 25°C
1000
100
10
01
2
3
4
5
6
7
8
SUPPLY VOLTAGE (V+)
ICL7660, ICL7660A


Similar Part No. - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
More results

Similar Description - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660 INTERSIL-ICL7660 Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
   CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
   CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
   CMOS Voltage Converters
Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com