Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8033 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8033
Description  Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8033 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8033 Datasheet HTML 3Page - Intersil Corporation ISL8033 Datasheet HTML 4Page - Intersil Corporation ISL8033 Datasheet HTML 5Page - Intersil Corporation ISL8033 Datasheet HTML 6Page - Intersil Corporation ISL8033 Datasheet HTML 7Page - Intersil Corporation ISL8033 Datasheet HTML 8Page - Intersil Corporation ISL8033 Datasheet HTML 9Page - Intersil Corporation ISL8033 Datasheet HTML 10Page - Intersil Corporation ISL8033 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL8033, ISL8033A
7
FN6854.2
March 24, 2011
Positive Peak Overcurrent Limit
Ipoc1
ISET = VDD
4.1
4.8
5.5
A
Ipoc2
4.1
4.8
5.5
A
Ipoc1
ISET = Float
4.1
4.8
5.5
A
Ipoc2
2.7
3.3
3.9
A
Ipoc1
ISET = GND
2.7
3.3
3.9
A
Ipoc2
2.7
3.3
3.9
A
Negative Peak Overcurrent Limit
Inoc1
-3.5
-2.5
-1.5
A
Inoc2
-3.5
-2.5
-1.5
A
LX1, LX2
P-Channel MOSFET ON-Resistance
VIN = 6V, IO = 200mA
50
75
m
Ω
VIN = 2.85V, IO = 200mA
70
100
m
Ω
N-Channel MOSFET ON-Resistance
VIN = 6V, IO = 200mA
50
75
m
Ω
VIN = 2.85V, IO = 200mA
70
100
m
Ω
LX_ Maximum Duty Cycle
100
%
PWM Switching Frequency
FS
ISL8033
0.88
1.1
1.32
MHz
ISL8033A
2.15
2.5
2.85
MHz
Synchronization Range
FSYNC
ISL8033 (Note 6)
2.64
6
MHz
Channel 1 to Channel 2 Phase Shift
Rising edge to rising edge timing
180
°
LX Minimum On-Time
SYNC = High (forced PWM mode)
140
ns
Soft Discharge Resistance
RDIS
EN = LOW
80
100
120
Ω
LX Leakage Current
Pulled up to 6V
0.1
1
µA
PG1, PG2
Output Low Voltage
Sinking 1mA, VFB = 0.7V
0.3
V
PG_ Pin Leakage Current
PG = VIN = 6V
0.01
0.1
µA
Internal PGOOD Low Rising Threshold
Percentage of nominal regulation voltage
89.5
92
94.5
%
Internal PGOOD Low Falling Threshold
Percentage of nominal regulation voltage
85
88
91
%
Delay Time (Rising Edge)
1ms
Internal PGOOD Delay Time (Falling Edge)
7
10
µs
EN1, EN2, SYNC
Logic Input Low
0.4
V
Logic Input High
1.5
V
SYNC Logic Input Leakage Current
ISYNC
Pulled up to 6V
0.1
1
µA
Enable Logic Input Leakage Current
IEN
Pulled up to 6V
0.1
1
µA
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
25
°C
NOTES:
6. The operational frequency per switching channel will be half of the SYNC frequency.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Unless otherwise noted, the typical specifications are measured at the following conditions:
TA = -40°C to +85°C, VIN = 3.6V, EN1 = EN2 = VDD, L = 1.5µH, C1 = C2 = C4 = 2x22µF, IOUT1 = IOUT2 = 0A to 3A. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Similar Part No. - ISL8033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033A INTERSIL-ISL8033A Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033AIRZ INTERSIL-ISL8033AIRZ Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com