Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9112 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9112
Description  1.2A High Efficiency Buck-Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9112 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9112 Datasheet HTML 1Page - Intersil Corporation ISL9112 Datasheet HTML 2Page - Intersil Corporation ISL9112 Datasheet HTML 3Page - Intersil Corporation ISL9112 Datasheet HTML 4Page - Intersil Corporation ISL9112 Datasheet HTML 5Page - Intersil Corporation ISL9112 Datasheet HTML 6Page - Intersil Corporation ISL9112 Datasheet HTML 7Page - Intersil Corporation ISL9112 Datasheet HTML 8Page - Intersil Corporation ISL9112 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
1.2A High Efficiency Buck-Boost Regulators
ISL9110, ISL9112
The ISL9110 and ISL9112 are highly-integrated Buck-Boost
switching regulators that accept input voltages either above or
below the regulated output voltage. Unlike other Buck-Boost
regulators, these regulators automatically transition between
operating modes without significant output disturbance.
Both parts are capable of delivering up to 1.2A output current,
and provide excellent efficiency due to their fully synchronous
4-switch architecture. No-load quiescent current of only 35µA
also optimizes efficiency under light-load conditions. Forced
PWM and/or synchronization to an external clock may also be
selected for noise sensitive applications.
The ISL9110 is designed for standalone applications and
supports 3.3V and 5V fixed output voltages or variable output
voltages with an external resistor divider. Output voltages as low
as 1V, or as high as 5.2V are supported using an external resistor
divider.
The ISL9112 supports a broader set of programmable features
that may be accessed via an I2C bus interface. With a
programmable output voltage range of 1.9V to 5V, the ISL9112
is ideal for applications requiring dynamically changing supply
voltages. A programmable slew rate can be selected to provide
smooth transitions between output voltage settings.
The ISL9110 and ISL9112 require only a single inductor and very
few external components. Power supply solution size is
minimized by a tiny 3mmx3mm package and a 2.5MHz
switching frequency, which further reduces the size of external
components.
Features
• Accepts Input Voltages Above or Below Regulated Output
Voltage
• Automatic and Seamless Transitions Between Buck and Boost
Modes
• Input Voltage Range: 1.8V to 5.5V
• Output Current: Up to 1.2A
• High Efficiency: Up to 95%
• 35µA Quiescent Current Maximizes Light-load Efficiency
• 2.5MHz Switching Frequency Minimizes External Component
Size
• Selectable Forced-PWM Mode and External Synchronization
•I2C Interface (ISL9112)
• Fully Protected for Overcurrent, Over-temperature and
Undervoltage
• Small 3mmx3mm TDFN Package
Applications
• Regulated 3.3V from a Single Li-Ion Battery
• Smart Phones and Tablet Computers
• Handheld Devices
•Point-of-Load Regulators
Related Literature
• See AN1648 “ISL9110IRTNEVAL1Z, ISL9110IRT7EVAL1Z,
ISL9110IRTAEVAL1Z Evaluation Board User Guide”
• See AN1647 “ISL9112IRTNEVAL1Z, ISL9112IRT7EVAL1Z
EvaluationBoard User Guide”
FIGURE 1. TYPICAL APPLICATION
VOUT =
3.3V/1A
VOUT 1
FB 12
C2
10µF
BAT
PG
STATUS
OUTPUTS
8
7
PVIN
VIN =
1.8V TO 5.5V
VIN
5
6
MODE
EN
10
9
C1
10µF
ISL9110IRTNZ
LX1
LX2
4
2
L1
2.2µH
IOUT (A)
70
75
80
85
90
95
100
0.01
0.05
0.25
1.25
VIN = 5V
VIN = 2.5V
VIN = 3V
VOUT = 3.3V
FIGURE 2. EFFICIENCY
July 13, 2012
FN7649.2


Similar Part No. - ISL9112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9112 INTERSIL-ISL9112 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9112 INTERSIL-ISL9112 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
logo
Renesas Technology Corp
ISL9112 RENESAS-ISL9112 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL9112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9110IRTNZ-T INTERSIL-ISL9110IRTNZ-T Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com