Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660ACPA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7660ACPA
Description  Simple Conversion of 5V Logic Supply to 짹5V Supplies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660ACPA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7660ACPA Datasheet HTML 1Page - Intersil Corporation ICL7660ACPA Datasheet HTML 2Page - Intersil Corporation ICL7660ACPA Datasheet HTML 3Page - Intersil Corporation ICL7660ACPA Datasheet HTML 4Page - Intersil Corporation ICL7660ACPA Datasheet HTML 5Page - Intersil Corporation ICL7660ACPA Datasheet HTML 6Page - Intersil Corporation ICL7660ACPA Datasheet HTML 7Page - Intersil Corporation ICL7660ACPA Datasheet HTML 8Page - Intersil Corporation ICL7660ACPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN3072.7
October 10, 2005
Ordering Information
PART NUMBER
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL7660CBA*
7660CBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7660CBAZ* (See Note)
7660CBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660CBAZA* (See Note)
7660CBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660CPA
7660CPA
0 to 70
8 Ld PDIP
E8.3
ICL7660CPAZ ( See Note)
7660CPAZ
0 to 70
8 Ld PDIP** (Pb-free)
E8.3
ICL7660ACBA*
7660ACBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7660ACBAZA* (See Note)
7660ACBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660ACPA
7660ACPA
0 to 70
8 Ld PDIP
E8.3
ICL7660ACPAZ (See Note)
7660ACPAZ
0 to 70
8 Ld PDIP** (Pb-free)
E8.3
ICL7660AIBA*
7660AIBA
-40 to 85
8 Ld SOIC (N)
M8.15
ICL7660AIBAZA* (See Note)
7660AIBAZ
-40 to 85
8 Ld SOIC (N) (Pb-free)
M8.15
*Add “-T” suffix to part number for tape and reel packaging.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ICL7660, ICL7660A


Similar Part No. - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
More results

Similar Description - ICL7660ACPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660SIBAZ INTERSIL-ICL7660SIBAZ Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
logo
Maxim Integrated Produc...
MAX31865PMB1 MAXIM-MAX31865PMB1 Datasheet
536Kb / 7P
   Simple Conversion of Platinum RTD Resistance to Digital Value
19-6909; Rev 0; 1/14
logo
Texas Instruments
ADS7845 TI-ADS7845 Datasheet
323Kb / 16P
[Old version datasheet]   5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
   3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
logo
Maxim Integrated Produc...
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com