Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9112IRTNZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9112IRTNZ
Description  1.2A High Efficiency Buck-Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9112IRTNZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9112IRTNZ Datasheet HTML 1Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 2Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 3Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 4Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 5Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 6Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 7Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 8Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL9110, ISL9112
5
FN7649.2
July 13, 2012
Absolute Maximum Ratings
Thermal Information
PVIN, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
LX1, LX2 (Note 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
FB (adjustable version) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
FB (fixed VOUT versions). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
GND, PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 250V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
12 Ld TDFN Package (Notes 5, 6) . . . . . . .
42
5.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 5.5V
Load Current Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 1.2A
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. LX1 and LX2 pins can withstand switching transients of -1.5V for 100ns, and 7V for 20ms.
Analog Specifications VVIN = VPVIN = VEN = 3.6V, VOUT = 3.3V, L1 = 2.2µH, C1 = C2 = 10µF, TA = +25°C. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
POWER SUPPLY
VIN
Input Voltage Range
1.8
5.5
V
VUVLO
VIN Undervoltage Lockout Threshold
Rising
1.725
1.775
V
Falling
1.550
1.650
V
IVIN
VIN Supply Current
PFM mode, no external load on Vout (Note 10)
35
60
µA
ISD
VIN Supply Current, Shutdown
EN = GND, VIN = 3.6V
0.05
1.0
µA
OUTPUT VOLTAGE REGULATION
VOUT
Output Voltage Range
ISL9110IRTAZ, IOUT = 100mA
1.00
5.20
V
ISL9112, IOUT = 100mA
1.90
5.00
V
Output Voltage Accuracy
VIN = 3.7V, VOUT = 3.3V, IOUT = 0mA, PWM mode
-2
+2
%
VIN = 3.7V, VOUT = 3.3V, IOUT = 1mA, PFM mode
-3
+4
%
VFB
FB Pin Voltage Regulation
For adjustable output version
0.79
0.80
0.81
V
IFB
FB Pin Bias Current
For adjustable output version
1
µA
ΔVOUT /
ΔVIN
Line Regulation, PWM Mode
IOUT = 500mA, VOUT = 3.3V, MODE = GND, VIN step
from 2.3V to 5.5V
±0.005
mV/mV
ΔVOUT /
ΔIOUT
Load Regulation, PWM Mode
VIN = 3.7V, VOUT = 3.3V, MODE = GND, IOUT step
from 0mA to 500mA
±0.005
mV/mA
ΔVOUT /
ΔVI
Line Regulation, PFM Mode
IOUT = 100mA, VOUT = 3.3V, MODE = VIN, VIN step
from 2.3V to 5.5V
±12.5
mV/V
ΔVOUT /
ΔIOUT
Load Regulation, PFM Mode
VIN=3.7V, VOUT = 3.3V, MODE = VIN, IOUT step from
0mA to 100mA
±0.4
mV/mA
VCLAMP
Output Voltage Clamp
Rising, VIN = 3.6V
5.25
5.95
V
Output Voltage Clamp Hysteresis
VIN = 3.6V
400
mV


Similar Part No. - ISL9112IRTNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9112IRTNZ INTERSIL-ISL9112IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9112IRTNZ INTERSIL-ISL9112IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
logo
Renesas Technology Corp
ISL9112IRTNZ RENESAS-ISL9112IRTNZ Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9112IRTNZ-EVAL1Z INTERSIL-ISL9112IRTNZ-EVAL1Z Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
More results

Similar Description - ISL9112IRTNZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9110IRTNZ-T INTERSIL-ISL9110IRTNZ-T Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com