Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHJD15016 Datasheet(PDF) 2 Page - Dubilier

Part # SHJD15016
Description  SURFACE MOUNT TANTALUM CHIP SHJ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJD15016 Datasheet(HTML) 2 Page - Dubilier

  SHJD15016 Datasheet HTML 1Page - Dubilier SHJD15016 Datasheet HTML 2Page - Dubilier SHJD15016 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
110
SURFACE MOUNT
TANTALUM CHIP SHJ
RATINGS & NUMBER REFERENCE
RANGE & CASE CODES
Capacitance uF
Rated Voltage DC
4V
6.3V
10V
16V
20V
25V
35V
50V
std/ext
std/ext
std/ext
std/ext
std/ext
std/ext
std/ext
std/ext
0.1
A
A
0.15
A
B/A
0.22
A
B
0.33
A
B
0.47
A
B/A
C/B
0.68
A
A
B/A
C/B
1.0
A
A
A
B/A
C
1.5
A
A
A
B/A
C/B
D/C
2.2
A
A
A
B/A
B
C/B
D/C
3.3
A
A
A
B/A
B/A
C/B
C/B
D
4.7
A
A
B/A
B/A
C/B/A
C/B/A
D/C/B
D
6.8
A
B/A
B/A
C/B/A
C/B/A
C/B
D/C
E/D
10
B/A
B/A
C/B/A
C/B/A
C/B
D/C
D/C
E/D
15
B/A
C/B/A
C/B/A
C/B/A
D/C
D/C
D/C
E
22
C/B/A
C/B/A
C/B/A
D/C/B
D/C
D/C
E/D
33
C/B/A
C/B/A
D/C/B
D/C
D
E/D
E
47
C/B/A
D/C/B
D/C/B
D/C
D
E/D
E
68
D/CB
D/C
D/C/B
D
E/D
E
100
D/CB
D/C/B
D/C
E/D
E
150
D/C
D/C
E/D/C
E/D
220
B
E/D/C
E/D
E
330
D/C
E/D
E
470
E/D
E/D
E
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
4 volts
SHJA3.34
A
3.3
0.5
6.0
9.0
SHJA4.74
A
4.7
0.5
6.0
8.0
SHJA6.84
A
6.8
0.5
6.0
6.5
SHJA104
A
10
0.5
6.0
6.0
SHJA154
A
15
0.6
6.0
4.0
SHJA224
A
22
0.9
6.0
4.0
SHJA334
A
33
1.3
6.0
4.0
SHJA474
A
47
1.9
12.0
2.5
SHJB104
B
10
0.5
6.0
4.0
SHJB154
B
15
0.6
6.0
3.0
SHJB224
B
22
0.9
6.0
3.5
SHJB334
B
33
1.4
6.0
3.5
SHJB474
B
47
1.9
6.0
3.0
SHJB684
B
68
2.7
6.0
3.5
SHJB1004
B
100
4.0
8.0
0.9
SHJB2204
B
220
8.8
18.0
0.5
SHJC224
C
22
1.4
6.0
2.3
SHJC334
C
33
1.9
6.0
2.0
SHJC474
C
47
1.9
6.0
1.8
SHJC684
C
68
2.7
6.0
1.6
SHJC1004
C
100
4.0
6.0
1.2
SHJC1504
C
150
6.0
8.0
1.2
SHJC3304
C
330
13.2
10.0
0.9
SHJD684
D
68
2.7
6.0
0.8
SHJD1004
D
100
4.0
6.0
0.9
SHJD1504
D
150
6.0
6.0
0.9
SHJD3304
D
330
21.0
8.0
0.8
SHJD4704
D
470
18.8
8.0
0.8
SHJD6804
D
680
27.0
12.0
0.9
SHJE6804
E
680
27.0
12.0
0.6
SHJE4704
E
470
29.6
8.0
0.6
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
6.3 volts
SHJA2.26.3
A
2.2
0.5
6.0
9.0
SHJA3.36.3
A
3.3
0.5
6.0
7.0
SHJA156.3
A
15
1.0
6.0
3.5
SHJA226.3
A
22
1.4
6.0
4.0
SHJA336.3
A
33
2.0
12.0
2.5
SHJB6.86.3
B
6.8
0.5
6.0
4.0
SHJB106.3
B
10
0.6
6.0
3.0
SHJB1006.3
B
100
6.3
15.0
3.0
SHJB336.3
B
33
2.1
6.0
3.0
SHJB476.3
B
47
3.0
6.0
2.0
SHJC156.3
C
15
1.0
6.0
1.9
SHJC226.3
C
22
1.4
6.0
2.0
SHJC1006.3
C
100
6.3
6.0
0.9
SHJC1506.3
C
150
9.0
8.0
1.2
SHJC2206.3
C
220
13.2
10.0
1.2
SHJD476.3
D
47
3.0
6.0
0.9
SHJD686.3
D
68
4.3
6.0
0.9
SHJD2206.3
D
220
13.9
8.0
0.9
SHJD3306.3
D
330
19.8
8.0
0.5
SHJD4706.3
D
470
28.2
12.0
0.4
SHJE2206.3
E
220
13.2
8.0
0.9
SHJE3306.3
E
330
19.8
8.0
0.5
SHJE4706.3
E
470
29.6
8.0
0.5
www.dubilier.co.uk


Similar Part No. - SHJD15016

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJD15016 DUBILIER-SHJD15016 Datasheet
289Kb / 3P
   TANTALUM CHIP
More results

Similar Description - SHJD15016

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJB1016K DUBILIER-SHJB1016K Datasheet
175Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
logo
Vishay Siliconix
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com